Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1B-R26 Datasheet(PDF) 9 Page - Hirose Electric

Part # DF1B-R26
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-R26 Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF1B-R26 Datasheet HTML 5Page - Hirose Electric DF1B-R26 Datasheet HTML 6Page - Hirose Electric DF1B-R26 Datasheet HTML 7Page - Hirose Electric DF1B-R26 Datasheet HTML 8Page - Hirose Electric DF1B-R26 Datasheet HTML 9Page - Hirose Electric DF1B-R26 Datasheet HTML 10Page - Hirose Electric DF1B-R26 Datasheet HTML 11Page - Hirose Electric DF1B-R26 Datasheet HTML 12Page - Hirose Electric DF1B-R26 Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
B161
s Single Row In-line Plug(Simple Lock Type)
[Specific No.] –* *, (* *)
Blank: Tin plated
(01) : Gold plated
Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Note 2.The 2 contacts connector contains the concave portion to prevent miss-insertion in the center area at one point, which is
different from the above figure.In addition, the 3 to 7 contact connectors contain the concave portion at both sides.
Note 1.The installation hole size C according to panel board thickness.
Note 2.Fabricate installation holes so that no burr can occur.
Unit: mm
Part Number
CL No.
DF1BA- 8EP-2.5RC**
DF1BA- 9EP-2.5RC**
DF1BA-10EP-2.5RC**
DF1BA-11EP-2.5RC**
DF1BA-12EP-2.5RC**
DF1BA-13EP-2.5RC**
541-0706-5-**
541-0707-8-**
541-0708-0-**
541-0709-3-**
541-0710-2-**
541-0711-5-**
8
9
10
11
12
13
17.5
20
22.5
25
27.5
30
22.1
24.6
27.1
29.6
32.1
34.6
Number of Contacts
A
B
Part Number
CL No.
DF1BA- 2EP-2.5RC(**)
DF1BA- 3EP-2.5RC(**)
DF1BA- 4EP-2.5RC(**)
DF1BA- 5EP-2.5RC(**)
DF1BA- 6EP-2.5RC(**)
DF1BA- 7EP-2.5RC(**)
541-0700-9-**
541-0701-1-**
541-0702-4-**
541-0703-7-**
541-0704-0-**
541-0705-2-**
2
3
4
5
6
7
2.5
5
7.5
10
12.5
15
7.1
9.6
12.1
14.6
17.1
19.6
Number of Contacts
A
B
KApplicable Socket: DF1B-*S-2.5R
Contact Inserted.
B Panel Cutouts
Unit: mm
Applicable Plug
Number of Contacts
DF1BA- 2EP-2.5RC(**)
DF1BA- 3EP-2.5RC(**)
DF1BA- 4EP-2.5RC(**)
DF1BA- 5EP-2.5RC(**)
DF1BA- 6EP-2.5RC(**)
DF1BA- 7EP-2.5RC(**)
DF1BA- 8EP-2.5RC(**)
DF1BA- 9EP-2.5RC(**)
DF1BA-10EP-2.5RC(**)
DF1BA-11EP-2.5RC(**)
DF1BA-12EP-2.5RC(**)
DF1BA-13EP-2.5RC(**)
2
3
4
5
6
7
8
9
10
11
12
13
0.5 to 1.2
Panel Board Thickness (Note 1)
C
11.2
13.7
16.2
18.7
21.2
23.7
26.2
28.7
31.2
33.7
36.2
38.7
1.3 to 1.6
11.9
14.4
16.9
19.4
21.9
24.4
26.9
29.4
31.9
34.4
36.9
39.4
1.7 to 2.0
12.6
15.1
17.6
20.1
22.6
25.1
27.6
30.1
32.6
35.1
37.6
40.1
D
7.3
9.8
12.3
14.8
17.3
19.8
22.3
24.8
27.3
29.8
32.3
34.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com