Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0162 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0162
Description  GaAs SPST Switch DC - 2.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0162 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0162 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0162 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0162 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0162 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs SPST Switch
DC - 2.5 GHz
Rev. V3
MASWSS0162
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = +25°C
5, VC = -5 V / 0 V, PIN = 0 dBm
Parameter
Test Conditions
Units
Min
Typ5
Max
Insertion Loss 6
DC - 0.5 GHz
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
dB
—
—
—
0.8
0.9
1.1
—
1.2
—
Isolation 6
DC - 0.5 GHz
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
dB
—
45
—
65
53
40
—
—
—
VSWR On
VSWR Off
DC - 2.0 GHz
DC - 2.0 GHz
Ratio
Ratio
—
—
1.2:1
1.2:1
—
—
1 dB Compression
Input Power
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
—
—
18
23
—
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
—
4
Ton, Toff
50% Control to 90% RF, Control to 10% RF
nS
—
8
Transients
In-Band
mV
—
35
2nd Order Intercept
Measured Relative to Input Power, two-tone up to +5 dBm
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
—
—
55
68
—
—
3rd Order Intercept
Measured Relative to Input Power, two-tone up to +5 dBm
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
—
—
40
46
—
—
Control Current
—
µA
—
—
25
5. All measurements with 0, -5 V control voltages at 1.0 GHz in a 50 Ω system, unless otherwise specified.
6. Typical values listed are based on average of frequency range noted.
Lead-Free SOIC-8†
† Reference Application Note M538 for lead-free solder reflow recommendations.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com