Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0162 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0162
Description  GaAs SPST Switch DC - 2.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0162 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0162 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0162 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0162 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0162 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GaAs SPST Switch
DC - 2.5 GHz
Rev. V3
MASWSS0162
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Very Low Power Consumption: 50 µW
 Low Insertion Loss: 1.0 dB
 High Isolation: 35 dB up to 2 GHz
 Very High Intercept Point: 46 dBm IP3
 Nanosecond Switching Speed
 Temperature Range: -40°C to +85°C
 Lead-Free SOIC-8 Plastic Package
 100% Matte Tin Plating over Copper
 Halogen-Free ―Green‖ Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of SW-259
Description
M/A-COM’s MASWSS0162 is a GaAs MMIC SPST
switch in a lead-free SOIC-8 lead surface mount
plastic package. The MASWSS0162 is ideally suited
for use where low power consumption is required.
Typical applications include transmit/receive switch-
ing, switch matrices and switched filter banks in sys-
tems such as radio and cellular equipment, PCM,
GPS, fiber optic modules, and other battery powered
radio equipment.
The MASWSS0162 is fabricated using a monolithic
GaAs MMIC using a mature 1 micron process. The
process features full chip passivation for increased
performance and reliability.
Ordering Information1
Part Number
Package
MASWSS0162
Bulk Packaging
MASWSS0162TR
1000 piece reel
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings 2,4
Parameter
Absolute Maximum
Input Power 3
0.05 GHz
0.5 – 2.0 GHz
+27 dBm
+34 dBm
Control Voltage
+5 V, -8.5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. When the RF Input power is applied to a terminated port, the
absolute maximum is +32 dBm.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
PIN No.
Description
PIN No.
Description
1
Ground
5
RF Port 2
2
A
6
Ground
3
B
7
Ground
4
Ground
8
RF Port 1
Pin Configuration
Functional Schematic
8
7
6
5
1
2
3
4
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASWSS0162

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0162 MACOM-MASWSS0162 Datasheet
169Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0162 MA-COM-MASWSS0162 Datasheet
88Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
MASWSS0162 MA-COM-MASWSS0162 Datasheet
88Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
logo
Tyco Electronics
MASWSS0162TR MACOM-MASWSS0162TR Datasheet
169Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0162TR MA-COM-MASWSS0162TR Datasheet
88Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
More results

Similar Description - MASWSS0162

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6020G MACOM-MASW6020G Datasheet
104Kb / 2P
GaAs SPST Switch DC-6 GHz
SW-259 MACOM-SW-259 Datasheet
102Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
MASWSS0162 MACOM-MASWSS0162 Datasheet
169Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
SW-214-PIN MACOM-SW-214-PIN Datasheet
111Kb / 3P
GaAs SPST Switch, DC - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0162 MA-COM-MASWSS0162 Datasheet
88Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
MASW6020G MA-COM-MASW6020G Datasheet
73Kb / 4P
GaAs SPST Switch DC - 6.0 GHz
SW-214-PIN MA-COM-SW-214-PIN Datasheet
55Kb / 3P
GaAs SPST Switch, DC - 3 GHz
SW-259 MA-COM-SW-259 Datasheet
97Kb / 4P
GaAs SPST Switch DC - 2.5 GHz
MASWSS0162 MA-COM-MASWSS0162 Datasheet
88Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
MASW6020G MA-COM-MASW6020G_15 Datasheet
544Kb / 5P
GaAs SPST Switch DC - 6.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com