Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0162 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0162
Description  GaAs SPST Switch DC - 2.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0162 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0162 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0162 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0162 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0162 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GaAs SPST Switch
DC - 2.5 GHz
Rev. V3
MASWSS0162
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
3
Typical Performance Curves
Insertion Loss
VSWR
Control Inputs
Condition of Switch
A
B
RF State
1
0
On
0
1
Off
Truth Table 7,8
7. ―0‖ = 0 to -0.2 V @ 20 mA max.
8. ―1‖ = -5 V @ 20 mA Typ to –8 V @ 600 mA max.
Electrical Schematic
RF1
Q1
Q3
Q2
Q4
RF2
A
B
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
2.5
+85°C
+25°C
-40°C
Frequency (GHz)
10
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
Frequency (GHz)
Isolation
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
2.5
Frequency (GHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com