Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0204 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0204
Description  GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0204 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0204 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0204 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0204 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0204 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GaAs SPDT 2.7 V High Power Switch
DC - 3.0 GHz
Rev. V3
MASWSS0204
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low Voltage Operation: 2.7 V
 High IP3: +56 dBm
 Low Insertion Loss: 0.30 dB at 1 GHz
 High Isolation: 25 dB at 1 GHz
 0.5 micron GaAs PHEMT Process
 Lead-Free SC70 Package
 Halogen-Free ―Green‖ Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of MASWSS0117
Description
The MASWSS0204 is a GaAs pHEMT MMIC single
pole double throw (SPDT) high power switch in a low
cost SC70 six lead package. The MASWSS0204 is
ideally suited for applications where high power, low
control voltage, low insertion loss, high isolation,
small size and low cost are required.
Typical applications are for CDMA
handset
systems that connect separate transceiver and/or
GPS functions to a common antenna, as well as
other
related
handset
and
general
purpose
applications. The MASWSS0204 can be used in all
systems operating up to 3 GHz requiring high power
at low control voltage.
The MASWSS0204 is fabricated using a 0.5 micron
gate length GaAs pHEMT process. The process
features full passivation for performance and
reliability.
Functional Block Diagram
V1
RFC
V2
RF1
GND
RF2
39 pF
39 pF
Pin 6
Pin 1
39 pF
Pin Configuration
Pin No.
Pin Name
Description
1
V2
Vcontrol 2
2
RFC
RF Common
3
V1
Vcontrol 1
4
RF1
RF Port 1
5
GND
RF Ground
6
RF2
RF Port 2
Part Number
Package
MASWSS0204
Bulk Packaging
MASWSS0204TR-3000
3000 piece reel
MASWSS0204SMB
Sample Test Board
MASWSS0204 orientation in tape
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
Ordering Information 1,2
Note:
Device supplied on tape and reel is the reverse
orientation of that shown in Application Note M513.


Similar Part No. - MASWSS0204

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0204 MACOM-MASWSS0204 Datasheet
187Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0204 MA-COM-MASWSS0204 Datasheet
110Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASWSS0204 MA-COM-MASWSS0204 Datasheet
142Kb / 3P
GaAs SPDT 2.7 V High Power Switch
MASWSS0204 MA-COM-MASWSS0204 Datasheet
142Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0204SMB MACOM-MASWSS0204SMB Datasheet
187Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
More results

Similar Description - MASWSS0204

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0117 MACOM-MASWSS0117 Datasheet
128Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
SW-276 MACOM-SW-276 Datasheet
118Kb / 5P
High Power GaAs SPDT Switch DC - 3.0 GHz
MASWSS0204 MACOM-MASWSS0204 Datasheet
187Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASW-008853 MACOM-MASW-008853 Datasheet
134Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 5.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0204 MA-COM-MASWSS0204 Datasheet
110Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASWSS0006 MA-COM-MASWSS0006 Datasheet
82Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0029 MA-COM-MASWSS0029 Datasheet
77Kb / 3P
GaAs SPDT 2.8 V High Power Switch DC - 3.0 GHz
MASWSS0117 MA-COM-MASWSS0117 Datasheet
82Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASW-008853 MA-COM-MASW-008853 Datasheet
115Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 5.0 GHz
MASWSS0204 MA-COM-MASWSS0204 Datasheet
142Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com