Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPP Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # SMPP
Description  Surface Mount Plastic PIN Diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMPP Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button SMPP_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
99
Surface Mount Plastic PIN Diodes
Rev. V22
SMPP Series
9
9
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
9
Mounting Information
The illustration indicates the recommended
mounting pad configuration for the SOT-23,
SOT-323 , SOD-323, SOT-143, and SC-79
packages. Solder paste containing flux should be
screened onto the pads to a thickness of 0.005-
0.007 inches. The plastic package is placed in
position, firmly adhering to the solder paste.
Permanent attachment is performed by a reflow
soldering procedure during which the tab
temperature does not exceed +275
C and the
body temperature does not exceed +250
C, for
standard models and +260
C for the RoHS
compliant devices.
Please refer to Application Note M538 for
surface mounting instructions.
0.75
1.9
.037
0.95
.035
0.90
.090
2.2
.030
0.80
inches
mm
Dimenstions:
min.
min.
SOT-23
SOT-323
0.030
0.80
0.030
0.80
0.030
0.80
0.075
1.9
0.030
0.80
inches
mm
Dimenstions:
0.030
0.80
.090
2.2
0.030
0.80
inches
mm
Dimenstions:
0.030
0.80
SOT-143
0.035
0.89
0.115
2.92
0.045
1.17
0.045
1.14
0.030
0.76
inches
mm
Dimenstions:
0.045
1.14
0.106
2.69
0.031
0.79
SC-79
0.020
0.50
0.053
1.35
inches
mm
Dimenstions:
0.020
0.50
SOD-323



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com