Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPP Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SMPP
Description  Surface Mount Plastic PIN Diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMPP Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SMPP_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
11
Surface Mount Plastic PIN Diodes
Rev. V22
SMPP Series
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
The MA4P277/MA4P7437/MADP-007437 series and
MA4P278/MA4P7438/MADP-007438 series device
have thicker intrinsic regions to provide lower distor-
tion in attenuator circuits.
The MA4P290/MADP-007167 series devices have
the thickest I-Region, offering the lowest distortion
and highest IP3 for current controlled attenuator cir-
cuits. These devices are ideal for AGC functions for
infrastructure and CATV applications.
These parts are available as single diodes, series
tees (ST), series tee reverse (STR), common
cathode pairs (CK), common anode pairs (CA), and
unconnected pairs in the respective featured
packages.
M/A-COM’s PIN diodes are available in the SOT-23
(case style 287), the SOT-143 (case style 1068), the
SOT-323/SC-70 (3L) (case style 1146), the
SOD-323
(case
style
1141),
and
the
SC-79 (case style 1279) packages. These packages
are supplied on tape and reel for automatic pick and
place assembly. The tape and reel suffix designation
is a “T” at the end of the part number.
Package Outlines
SOT-23
SC-79
SOT-143
SOD-323
SOT-323
Features
 Industry Standard Surface Mount Packages
 Lead-Free (RoHS Compliant) Equivalents
Available with 260
C Reflow Compatibility
 Low Loss, High Isolation Switching Diodes
 Low Distortion Attenuator Diodes
 Single and Dual Diode Configurations
 Tape and Reel Packaging
Description and Applications
M/A-COM offers silicon PIN diodes in five standard,
low cost, surface mount plastic packages for use as
switches and attenuators. These diodes are offered
with standard Sn/Pb plating, as well as with 100%
matte Sn plating on our RoHS compliant devices.
M/A-COM’s PIN diodes feature a variety of I-region
lengths resulting in lower resistance, and lower
capacitance devices for various microwave control
circuit applications.
The
MA4P275/MA4P7436/MADP-007436
series
offer the lowest series resistance for best perform-
ance as low loss series switches and high isolation
shunt switches.
The MA4P789/ MA4P7433/MADP-007433 series
have the lowest capacitance and offers the highest
isolation in series and series-shunt switches through
3GHz.
The MA4P282/ MA4P7447/MADP-007155 series,
the MA4P274/MA4P7455/ MADP-007455 series and
the MADP-007448 series are general purpose PIN
diodes useful as either switches or attenuators.


Similar Part No. - SMPP_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SMPP-SERIES MA-COM-SMPP-SERIES Datasheet
152Kb / 9P
Surface Mount Plastic PIN Diodes
logo
InterFET Corporation
SMPP1086 INTERFET-SMPP1086 Datasheet
213Kb / 10P
N-Channel Silicon Junction Field-Effect Transistors
SMPP1087 INTERFET-SMPP1087 Datasheet
213Kb / 10P
N-Channel Silicon Junction Field-Effect Transistors
logo
Tyco Electronics
SMPPSERIES MACOM-SMPPSERIES Datasheet
210Kb / 11P
Surface Mount Plastic PIN Diodes
More results

Similar Description - SMPP_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMPPSERIES MACOM-SMPPSERIES Datasheet
210Kb / 11P
Surface Mount Plastic PIN Diodes
MADP-008120-12790T MACOM-MADP-008120-12790T Datasheet
76Kb / 4P
Surface Mount Plastic PIN Diodes
SMPP MACOM-SMPP Datasheet
116Kb / 10P
Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
MADP-008120-12790T MA-COM-MADP-008120-12790T Datasheet
74Kb / 4P
Surface Mount Plastic PIN Diodes
MADP-01063X-1392T-V4 MA-COM-MADP-01063X-1392T-V4 Datasheet
346Kb / 5P
Surface Mount Plastic PIN Diodes
SMPP-SERIES MA-COM-SMPP-SERIES Datasheet
152Kb / 9P
Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T_15 Datasheet
346Kb / 5P
Surface Mount Plastic PIN Diodes
SMPP MA-COM-SMPP Datasheet
779Kb / 10P
Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T Datasheet
762Kb / 6P
Surface Mount Plastic PIN Diodes
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com