Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPP Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # SMPP
Description  Surface Mount Plastic PIN Diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMPP Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  SMPP_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. SMPP_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
33
Surface Mount Plastic PIN Diodes
Rev. V22
SMPP Series
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Single
Single
SC-79
SOD-323
SOT-23
Standard
Part Number
RoHS Compliant
Part Number
Standard
Part Number
RoHS Compliant
Part Number
Standard
Part Number
RoHS Compliant
Part Number
MADP-007436-12790T
MA4P7436-1141T
MA4P275-287T
MA4P7436-287T
MADP-007433-12790T
MA4P7433-1141T
MA4P789-287T
MA4P7433-287T
MA4P7447-1141T
MA4P282-287T
MA4P7447-287T
MADP-007448-12790T
MADP-007448-11410T
MADP-007448-0287AT
MADP-007455-12790T
MA4P7455-1141T
MA4P274-287T
MA4P7455-287T
MA4P7437-1141T
MA4P277-287T
MA4P7437-287T
MA4P7438-1141T
MA4P278-287T
MA4P7438-287T
MADP-007167-11410T
MA4P290-287T
MADP-007167-0287AT
LS = 0.6 nH
LS = 1.3 nH
LS = 1.4 nH
CP = 0.10 pF
CP = 0.11 pF
CP = 0.12 pF
Packaging and Configurations
Common Cathode
Common Anode
SOT-23
SC70 (3L)
SOT-23
SC70 (3L)
Standard
Part Number
RoHS
Compliant
Part Number
Standard
Part Num-
ber
RoHS Com-
pliant
Part Number
Standard
Part Number
RoHS
Compliant
Part Number
Standard
Part Num-
ber
RoHS
Compliant
Part Number
MA4P275CK-
287T
MA4P7436CK-
287T
MA4P275CK-
1146T
MA4P7436CK-
1146T
MA4P275CA-
287T
MA4P7436CA-287T
MA4P275CA-
1146T
MA4P7436CA-
1146T
MA4P289CK-
287T
MA4P7433CK-
287T
MA4P789CK-
1146T
MA4P7433CK-
1146T
MA4P789CA-
287T
MA4P7433CA-287T
MA4P789CA-
1146T
MA4P7433CA-
1146T
MA4P282CK-
287T
MA4P7447CK-
287T
MA4P282CA-
287T
MA4P7447CA-287T
MADP-007448-
0287FT
MADP-007448-
0287GT
MADP-007448-
1146GT
MA4P274CK-
287T
MA4P7455CK-
287T
MA4P274CK-
1146T
MA4P7455CK-
1146T
MA4P274CA-
287T
MA4P7455CA-287T
MA4P274CA-
1146T
MA4P7455CA-
1146T
MA4P277CK-
287T
MADP-007437-
0287FT
MA4P277CA-
287T
MA4P7437CA-287T
MA4P278CK-
287T
MADP-007438-
0287FT
MA4P278CA-
287T
MA4P7438CA-287T
MA4P290CK-
287T
MADP-007167-
0287FT
MADP-007167-
0287GT
LS = 1.4 nH
LS = 1.3 nH
LS = 1.4 nH
LS = 1.3 nH
CP = 0.12 pF
CP = 0.12 pF
CP = 0.12 pF
CP = 0.12 pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com