Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT10-16DP-R Datasheet(PDF) 8 Page - Hirose Electric

Part # GT10-16DP-R
Description  Subminiature ECU Interface Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT10-16DP-R Datasheet(HTML) 8 Page - Hirose Electric

  GT10-16DP-R Datasheet HTML 1Page - Hirose Electric GT10-16DP-R Datasheet HTML 2Page - Hirose Electric GT10-16DP-R Datasheet HTML 3Page - Hirose Electric GT10-16DP-R Datasheet HTML 4Page - Hirose Electric GT10-16DP-R Datasheet HTML 5Page - Hirose Electric GT10-16DP-R Datasheet HTML 6Page - Hirose Electric GT10-16DP-R Datasheet HTML 7Page - Hirose Electric GT10-16DP-R Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Part Number
GT10M-6/1DP-DS
CL No.
760-0011-8
Material
Finish
PBT
Brass
PBT
Brass
Phosphor bronze
Item
Tin plating
Tin plating
Tin plating
Color
Light gray
Light gray
B Termination tools
User's manuals are available. Please contact your Hirose Electric account representative.
Item
Specification
Remarks
Specification
1.5tons
Stroke Length
30mm
Number of strokes
200spm (50Hz)
240spm (60Hz)
Weight
75kg
Motor
0.2kw
AC100V
Crimping speed
2,000 to 4,000 pcs. per hour
Specifications
Part Number CM-105
BMounted and fully mated connector assemblies
Note: Use mounting screws of M3 with nominal diameter 3L-6 (for a board thickness of 1.6mm).
BRecommended Board Mounting Pattern BRecommended Panel Cut-out
Board
F Connectors
Board Type
For power
supply
For inner
conductor
For outer
conductor
Automatic Crimping Machine



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com