Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT10-16DP-R Datasheet(PDF) 3 Page - Hirose Electric

Part # GT10-16DP-R
Description  Subminiature ECU Interface Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT10-16DP-R Datasheet(HTML) 3 Page - Hirose Electric

  GT10-16DP-R Datasheet HTML 1Page - Hirose Electric GT10-16DP-R Datasheet HTML 2Page - Hirose Electric GT10-16DP-R Datasheet HTML 3Page - Hirose Electric GT10-16DP-R Datasheet HTML 4Page - Hirose Electric GT10-16DP-R Datasheet HTML 5Page - Hirose Electric GT10-16DP-R Datasheet HTML 6Page - Hirose Electric GT10-16DP-R Datasheet HTML 7Page - Hirose Electric GT10-16DP-R Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
GT10S Series Type with Cover
Part Number
CL No.
Material
Color
GT10S-16DS-HU 760-0007-0
PBT
Light gray
Cover A
Cover B
Note: This product should be used with the cover attached to the housing.
BView with Cover Attached
Part Number
CL No.
Material
Color
GT10S-16DS-CV 760-0008-3
PC
Black
Note 1: This product can be used with cables having outside diameters of 4, 4.8, and 5.2 mm.
Note 1: Please use as a set in conjunction with clamp fittings and bushings that suit the cable.
Note 2: This product is sold as a set with cover A, B, and screws.
Housing
Cover



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com