Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT10-16DP-R Datasheet(PDF) 1 Page - Hirose Electric

Part # GT10-16DP-R
Description  Subminiature ECU Interface Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT10-16DP-R Datasheet(HTML) 1 Page - Hirose Electric

  GT10-16DP-R Datasheet HTML 1Page - Hirose Electric GT10-16DP-R Datasheet HTML 2Page - Hirose Electric GT10-16DP-R Datasheet HTML 3Page - Hirose Electric GT10-16DP-R Datasheet HTML 4Page - Hirose Electric GT10-16DP-R Datasheet HTML 5Page - Hirose Electric GT10-16DP-R Datasheet HTML 6Page - Hirose Electric GT10-16DP-R Datasheet HTML 7Page - Hirose Electric GT10-16DP-R Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
GT10 Series
— Subminiature ECU Interface Connectors —
<2 mm Pitch>
2003.7
Features
Subminiature: with respect to existing 040 connectors.
Front retainer design prevents incomplete insertion.
Interface Portions and In-line Portions of the Various Units and Devices


Similar Part No. - GT10-16DP-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GT10 ETC2-GT10 Datasheet
168Kb / 2P
PNEUMATIC TURBINE VIBRATIORS
logo
Goford Semiconductor
GT1003A GOFORD-GT1003A Datasheet
919Kb / 6P
N-Channel Enhancement Mode Power MOSFET
GT1003AA GOFORD-GT1003AA Datasheet
734Kb / 6P
Consumer electronic powersupply
GT1003D GOFORD-GT1003D Datasheet
724Kb / 6P
N-Channel Enhancement Mode Power MOSFET
logo
Vishay Siliconix
GT100DA120U VISHAY-GT100DA120U Datasheet
177Kb / 10P
Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
22-Jul-10
More results

Similar Description - GT10-16DP-R

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX-49F KSS-CX-49F Datasheet
153Kb / 1P
For ECU.
logo
Hirose Electric
DN10-26S HIROSE-DN10-26S Datasheet
369Kb / 8P
DN SERIES-NEW D SUBMINIATURE INTERFACE CONNECTORS
GT12-2022PCF HIROSE-GT12-2022PCF Datasheet
109Kb / 4P
2 mm Pitch, Miniature ECU Connectors
logo
ITT Industries
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
D Subminiature Connectors
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
D Subminiature Connectors
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
d-subminiature connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com