Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT5-1P/S-R Datasheet(PDF) 6 Page - Hirose Electric

Part # GT5-1P/S-R
Description  Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-1P/S-R Datasheet(HTML) 6 Page - Hirose Electric

Back Button GT5-1P/S-R Datasheet HTML 2Page - Hirose Electric GT5-1P/S-R Datasheet HTML 3Page - Hirose Electric GT5-1P/S-R Datasheet HTML 4Page - Hirose Electric GT5-1P/S-R Datasheet HTML 5Page - Hirose Electric GT5-1P/S-R Datasheet HTML 6Page - Hirose Electric GT5-1P/S-R Datasheet HTML 7Page - Hirose Electric GT5-1P/S-R Datasheet HTML 8Page - Hirose Electric GT5-1P/S-R Datasheet HTML 9Page - Hirose Electric GT5-1P/S-R Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Housings
Panel mounting, enhanced
shielding configuration
Part Number
GT5A-1PP-HU
CL No.
755-0025-7
Part
Material
Finish
Housing
Ground terminal
PBT
Brass
Color: Light gray
Tin plating
[]
BRecommended Panel Cut-out
BMounted and fully mated connector
assemblies
BRecommended Panel Cut-out
BMounted and fully mated
connectorassemblies
Panel
thickness:1.6
M 3
Note 1: Terminal extraction tool: GT-PO(A)
Note 2: Retainer is optional.
Note 3: Use mounting screws of M3 with nominal diameter 3L-6 (for a panel thickness of 1.6 mm).
Part Number
GT5P-1PP-HU
CL No.
755-0030-7
Part
Material
Finish
Housing
Ground terminal
PBT
Brass
Color: Light gray
Tin plating
Note 1: Terminal extraction tool: GT-PO(A)
Note 2: Retainer is optional.
Note 3: Use mounting screws of M3 with nominal diameter 3L-6 (for a panel thickness
of 1.6 mm).
1
Panel
thickness:1.6
32



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com