Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT5-1P/S-R Datasheet(PDF) 10 Page - Hirose Electric

Part # GT5-1P/S-R
Description  Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-1P/S-R Datasheet(HTML) 10 Page - Hirose Electric

Back Button GT5-1P/S-R Datasheet HTML 2Page - Hirose Electric GT5-1P/S-R Datasheet HTML 3Page - Hirose Electric GT5-1P/S-R Datasheet HTML 4Page - Hirose Electric GT5-1P/S-R Datasheet HTML 5Page - Hirose Electric GT5-1P/S-R Datasheet HTML 6Page - Hirose Electric GT5-1P/S-R Datasheet HTML 7Page - Hirose Electric GT5-1P/S-R Datasheet HTML 8Page - Hirose Electric GT5-1P/S-R Datasheet HTML 9Page - Hirose Electric GT5-1P/S-R Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Figure q
Figure w
Figure e
Figure r
GT5-2P-DS (D)
Recommended Panel Cut-out
GT5-2P-DS (A)
GT5-2P-DS (B)
GT5-2P-DS (C)
Housing
Retainer – 2 position (Used with GT5-2S-HU, GT5-2PP-HU,
and GT5N-2PP-HU)
Housing
GT5N-2PP-HU
755-0055-8
Part Number
CL No.
Color
Note 1:Terminal extraction tool: GT-PO(A)
Note 2: Used with separate retainer (GT-5-2P/S-R).
Light gray
Material
PBT
BDiagram of Mated Connector in Use
GT5-2P/S-R
755-0046-7
Part Number
CL No.
Color
Dark gray
Material
PBT
GT5-2P-DS
GT5-2P-DS(A)
GT5-2P-DS(B)
GT5-2P-DS(C)
755-0043-9
755-0061-0
755-0062-3
-
Figure q
Figure w
Figure e
Figure r
D2
A2
B2
C2
Part Number
CL No.
Color
Key polarizing
code
USCAR-19
Coding
Note: Use mounting screws of M3 with nominal diameter 3L-6 (for a
board thickness of 1.6 mm).
Coding D2 at USCAR-19 is GT5-2P-DS.
Light Gray
Brown
Green
Blue
Material
PBT
BRecommended Board Mounting
Pattern
BMounted and fully mated
connector assemblies
For outer conductor
For inner conductor
Panel
BKeying Configurations
Board Thickness : 1.6mm
36



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com