Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT5-1P/S-R Datasheet(PDF) 4 Page - Hirose Electric

Part # GT5-1P/S-R
Description  Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-1P/S-R Datasheet(HTML) 4 Page - Hirose Electric

  GT5-1P/S-R Datasheet HTML 1Page - Hirose Electric GT5-1P/S-R Datasheet HTML 2Page - Hirose Electric GT5-1P/S-R Datasheet HTML 3Page - Hirose Electric GT5-1P/S-R Datasheet HTML 4Page - Hirose Electric GT5-1P/S-R Datasheet HTML 5Page - Hirose Electric GT5-1P/S-R Datasheet HTML 6Page - Hirose Electric GT5-1P/S-R Datasheet HTML 7Page - Hirose Electric GT5-1P/S-R Datasheet HTML 8Page - Hirose Electric GT5-1P/S-R Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
F Connectors
For Single-Conductor coaxial shielded cable
Housing
GT5R-1S/ HU
GT5-1S-HU
Terminal extraction tool: GT-PO(A), Note 1: concept only
Figure q
Figure w
Figure e
Figure r
Figure t
Figure y
Figure u
Figure i
Figure o
Retainer (-Optional-Used with the housings: GT5-1S-HU, GT5-1PP-
HU, GT5N-1PP-HU, GT5H-1PP-HU, and GT5-1PB-HU)
Housing (Not requiring use of the retainer)
Part Number
GT5-1P/S-R
CL No.
Material
Color
755-0006-2
PBT
Dark gray
Part Number
GT5R-1S-HU
CL No.
Material
Color
755-0047-0
PBT
Light gray
Terminal extraction tool: GT-PO(A)
BKeying Configurations
GT5-1S-HU
GT5-1S-HU(A)
GT5-1S-HU(B)
GT5-1S-HU(C)
GT5-1S-HU(D)
GT5-1S-HU(E)
GT5-1S-HU( I )
GT5-1S-HU(J)
GT5-1S-HU(K)
755-0004-7
755-0037-6
755-0038-9
755-0080-5
755-0081-8
755-0082-0
Note 1
Note 1
Note 1
Light gray
Brown
Green
Blue
Purple
Pink
Black
Cream white
Pastel orange
Figure q
Figure w
Figure e
Figure r
Figure t
Figure y
Figure u
Figure i
Figure o
GT5-1PP-HU
GT5-1PP-HU(A)
GT5-1PP-HU(B)
GT5-1PP-HU(C)
GT5-1PP-HU(D)
GT5-1PP-HU(E)
GT5-1PP-HU( I )
GT5-1PP-HU(J)
GT5-1PP-HU(K)
GT5-1P-DS
GT5-1P-DS(A)
GT5-1P-DS(B)
GT5-1P-DS(C)
GT5-1P-DS(D)
GT5-1P-DS(E)
GT5-1P-DS( I )
GT5-1P-DS(J)
GT5-1P-DS(K)
Part Number
CL No.
Material
Color
Key polarizing
code
Corresponding M Connector
Housing- In-line
Corresponding M Connector
Assembly- Board Mounting
-
A
B
C
D
E
I
J
K
USCAR-19
Coding
PBT
BShown with inserted retainer.
Retainer
30



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com