Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31375 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 31375
Description  18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

31375 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  31375 Datasheet HTML 1Page - List of Unclassifed Manufacturers 31375 Datasheet HTML 2Page - List of Unclassifed Manufacturers 31375 Datasheet HTML 3Page - List of Unclassifed Manufacturers 31375 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
9248 Coax - 75 Ohm Coax
Bulk Cable Weight
30 lbs/1000 ft.
Max. Recommended Pulling Tension
44 lbs.
Min. Bend Radius (Install)
2.75 in.
APPLICABLE SPECIFICATIONS AND AGENCY COMPLIANCE:
APPLICABLE STANDARDS:
NEC/(UL) Specification
CM
CEC/C(UL) Specification
CM
AWM Specification
UL Style 1354 (30 V 80°C)
EU CE Mark (Y/N)
Yes
EU RoHS Compliant (Y/N)
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
FLAME TEST:
UL Flame Test
UL1685 UL Loading
SUITABILITY:
Suitability - Indoor
Yes
Suitability - Outdoor
Yes
PLENUM/NON-PLENUM:
Plenum (Y/N)
N
Plenum Number
89248 and 82248
ELECTRICAL CHARACTERISTICS:
Nom. Characteristic Impedance
75 Ohms
Nom. Inductance
.106 µH/ft
Nom. Capacitance Conductor to Shield
16.2 pF/ft
Nominal Velocity of Propagation
82 %
Nominal Delay
1.24 ns/ft
Nom. Conductor DC Resistance @ 20 Deg. C
6.4 Ohms/1000 ft
Nominal Outer Shield DC Resistance @ 20°C
5.6 Ohms/1000 ft
Minimum Return Loss :
Description
Frequency (MHz)
Start Frequency (MHz)
Stop Frequency (MHz)
Minimum Return Loss
(dB)
5
450
23
Nom. Attenuation :
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com