Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31375 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 31375
Description  18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

31375 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  31375 Datasheet HTML 1Page - List of Unclassifed Manufacturers 31375 Datasheet HTML 2Page - List of Unclassifed Manufacturers 31375 Datasheet HTML 3Page - List of Unclassifed Manufacturers 31375 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
9248 Coax - 75 Ohm Coax
Description
Frequency (MHz)
Start Frequency (MHz)
Stop Frequency (MHz)
Nom. Attenuation
(dB/100 ft.)
1
.30
5
.54
10
.70
50
1.5
100
2.0
200
2.8
400
4.0
700
5.3
900
6.1
1000
6.5
1500
8.3
Max. Operating Voltage - UL
30 V RMS (UL AWM Style 1354); 300 V RMS (CM)
PUT-UPS AND COLORS:
Item
Description
Put-Up (ft.)
Ship Weight (lbs.)
Jacket Color
Notes
9248 0101000
#18 PE/GIFHDPE
SH FRPVC
1000
35
BLACK
C
9248 0101640
#18 PE/GIFHDPE
SH CORE
1640
39.36
BLACK
C
9248 0103280
#18 PE/GIFHDPE
SH FRPVC
3280
42.64
BLACK
C
9248 010500
#18 PE/GIFHDPE
SH FRPVC
500
33.5
BLACK
C
9248 010U1000
#18 PE/GIFHDPE
SH FRPVC
U1000
35
BLACK
9248 010U500
#18 PE/GIFHDPE
SH FRPVC
U500
17.5
BLACK
C = CRATE REEL PUT-UP.
Revision Number: 2
Revision Date: 02-10-2006
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com