Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31375 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 31375
Description  18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

31375 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  31375 Datasheet HTML 1Page - List of Unclassifed Manufacturers 31375 Datasheet HTML 2Page - List of Unclassifed Manufacturers 31375 Datasheet HTML 3Page - List of Unclassifed Manufacturers 31375 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
9248 Coax - 75 Ohm Coax
For more information please
call
1-800-Belden1
See Put-ups and Colors
Description:
18 AWG solid .040" bare copper conductor, gas-injected foam HDPE insulation, Duofoil® + tinned copper braid shield (60% coverage),
PVC jacket.
PHYSICAL CHARACTERISTICS:
CONDUCTOR:
Number of Coax
1
Total Number of Conductors
1
RG Type
6/U
AWG
18
Stranding
Solid
Conductor Diameter
.040 in.
Conductor Material
BC - Bare Copper
INSULATION:
Insulation Material
Gas-injected FHDPE - Foam High Density Polyethylene
Insulation Diameter
.180 in.
OUTER SHIELD:
Outer Shield Material Trade Name
Duofoil®
Outer Shield Type
Tape/Braid
Outer Shield Material :
Layer Number
Trade Name
Type
Material
% Coverage (%)
1
Duofoil®
Tape
Aluminum Foil-Polyester
Tape-Aluminum Foil
100
2
Braid
TC - Tinned Copper
60
Outer Shield %Coverage
100 %
OUTER JACKET:
Outer Jacket Material
PVC - Polyvinyl Chloride
OVERALL NOMINAL DIAMETER:
Overall Nominal Diameter
.270 in.
MECHANICAL CHARACTERISTICS:
Operating Temperature Range
-40°C To +80°C
UL Temperature Rating
80°C (UL AWM Style 1354)
Page 1 of 4


Similar Part No. - 31375

ManufacturerPart #DatasheetDescription
logo
Littelfuse
313750 LITTELFUSE-313750 Datasheet
44Kb / 1P
Axial Lead and Cartridge Fuses
313750P LITTELFUSE-313750P Datasheet
76Kb / 1P
Axial Lead and Cartridge Fuses
More results

Similar Description - 31375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344422 ETC2-1344422 Datasheet
105Kb / 4P
RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1345383 ETC2-1345383 Datasheet
105Kb / 4P
20 AWG solid .032 bare copper conductor, gas-injected foam HDPE insulation
28552 ETC2-28552 Datasheet
37Kb / 5P
RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1347210 ETC2-1347210 Datasheet
104Kb / 4P
23 AWG solid .023 bare copper conductor, gas-injected foam HDPE insulation
1348490 ETC2-1348490 Datasheet
103Kb / 4P
18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1348491 ETC2-1348491 Datasheet
103Kb / 4P
Series 6, 18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1349791 ETC2-1349791 Datasheet
102Kb / 4P
10 AWG solid .103 bare copper conductor, gas-injected foam HDPE insulation
1733139 ETC2-1733139 Datasheet
103Kb / 3P
18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
1694A ETC2-1694A Datasheet
107Kb / 4P
RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1694SB ETC2-1694SB Datasheet
105Kb / 3P
18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com