Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS25LP032
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS25LP032 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
IS25LP032/064/128
Integrated Silicon Solution, Inc.- www.issi.com
3
Rev. D
10/03/2014
GENERAL DESCRIPTION
The IS25LP032/064/128 Serial Flash memory offers a versatile storage solution with high flexibility and
performance in a simplified pin count package. ISSI’s “Industry Standard Serial Interface” Flash are for systems
that require limited space, a low pin count, and low power consumption. The IS25LP032/064/128 is accessed
through a 4-wire SPI Interface consisting of a Serial Data Input (Sl), Serial Data Output (SO), Serial Clock
(SCK), and Chip Enable (CE#) pins, which can also be configured to serve as multi-I/O (see pin descriptions).
The device supports Dual and Quad I/O as well as standard, Dual Output, and Quad Output SPI. Clock
frequencies of up to 133MHz allow for equivalent clock rates of up to 532MHz (133MHz x 4) allowing more than
66Mbytes/s of data throughput. The IS25xP series of Flash adds support for DTR (Double Transfer Rate)
commands that transfer addresses and read data on both edges of the clock. These transfer rates can
outperform 16-bit Parallel Flash memories allowing for efficient memory access to support XIP (execute in
place) operation.
The memory array is organized into programmable pages of 256-bytes. This family supports page program
mode where 1 to 256 bytes of data are programmed in a single command. QPI (Quad Peripheral Interface)
supports 2-cycle instruction further reducing instruction times. Pages can be erased in groups of 4K-byte
sectors, 32K-byte blocks, 64K-byte blocks, and/or the entire chip. The uniform sector and block architecture
allows for a high degree of flexibility so that the device can be utilized for a broad variety of applications
requiring solid data retention.
GLOSSARY
Standard SPI
In this operation, a 4-wire SPI Interface is utilized, consisting of Serial Data Input (Sl), Serial Data Output (SO),
Serial Clock (SCK), and Chip Enable (CE#) pins. Instructions are sent via the SI pin to encode instructions,
addresses, or input data to the device on the rising edge of SCK. The DO pin is used to read data or to check the
status of the device on the falling edge of SCK. This device supports SPI bus operation modes (0,0) and (1,1).
Mutil I/O SPI
Multi-I/O operation utilizes an enhanced SPI protocol to allow the device to function with Dual Output, Dual Input
and Output, and Quad Input and Output capability. Executing these instructions through SPI mode will achieve
double or quadruple the transfer bandwidth for READ and PROGRAM operations.
Quad I/O QPI
The IS25LP032/064/128
enables QPI protocol by issuing an “Enter QPI mode (35h)” command. The QPI mode
uses four IO pins for input and output to decrease SPI instruction overhead and increase output bandwidth. SI
and SO pins become bidirectional IO0 and IO1, and WP# and HOLD# pins become IO2 and IO3 respectively
during QPI mode. Issuing an “Exit QPI (F5h) command will cause the device to exit QPI mode. Power Reset or
Hardware/Software Reset can also return the device into the standard SPI mode.
DTR
In addition to SPI and QPI features, IS25LP032/064/128 also supports SPI DTR READ. SPI DTR allows high
data throughput while running at lower clock frequencies. SPI DTR READ mode uses both rising and falling
edges of the clock to drive output, resulting in reducing the dummy cycles by half.
Programmable drive strength and Selectable burst setting.
The IS25LP032/064/128 offers programmable output drive strength and selectable burst (wrap) length features
to increase the efficiency and performance of READ operations. The driver strength and burst setting features
are controlled by setting the READ registers. A total of six different drive strengths and four different burst sizes
(8/16/32/64 Bytes) are available for selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com