Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032 Datasheet(PDF) 48 Page - Integrated Silicon Solution, Inc

Part # IS25LP032
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032 Datasheet(HTML) 48 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032 Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 49Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 50Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 51Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 52Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 90 page
background image
IS25LP032/064/128
Integrated Silicon Solution, Inc.- www.issi.com
48
Rev. D
10/03/2014
8.20 PROGRAM/ERASE SUSPEND & RESUME
The device allows the interruption of Sector-Erase, Block-Erase or Page-Program operations to conduct other
operations. B0h command for suspend and 30h for resume will be used. (SPI/QPI all acceptable) Function
register bit2 (PSUS) and bit3 (ESUS) are used to check whether or not the device is in suspend mode.
Suspend to read ready timing: 100µs.
Resume to another suspend timing: 400µs (recommendation).
PROGRAM/ERASE SUSPEND DURING SECTOR-ERASE OR BLOCK-Erase (PERSUS 75h/B0h)
After erase suspend, WEL bit will be disabled, therefore only read related, resume and reset commands will be
accepted (03h, 0Bh, BBh, 3Bh, EBh, 0Dh, BDh, EDh, 05h, 48h, 7Ah/30h, ABh, 9Fh, 90h, AFh, 4Bh, 5Ah, 00h,
66h and 99h, 68h).
To execute a Program/Erase Suspend operation, the host drives CE# low, sends the Program/Erase Suspend
command cycle (B0H), then drives CE# high. The Function register indicates that the erase has been
suspended by changing the ESUS bit from ‘0’ to ‘1,’ but the device will not accept another command until it is
ready. To determine when the device will accept a new command, poll the WIP bit in the Status register or wait
the specified time tSUS. When ESUS bit is issued, the Write Enable Latch (WEL) bit will be reset.
PROGRAM/ERASE SUSPEND DURING PAGE PROGRAMMING (PERSUS 75h/B0h)
Program suspend allows the interruption of all program operations.
After a program suspend command, WEL bit will be disabled, only read related, resume and reset command
can be accepted (03h, 0Bh, BBh, 3Bh, EBh, 0Dh, BDh, EDh, 05h, 48h, 7Ah/30h, ABh, 9Fh, 90h, AFh, 4Bh, 5Ah,
00h, 66h and 99h, 68h).
To execute a Program/Erase Suspend operation, the host drives CE# low, sends the Program/Erase Suspend
command cycle (B0H), then drives CE# high. The Function register indicates that the programming has been
suspended by changing the PSUS bit from ‘0’ to ‘1,’ but the device will not accept another command until it is
ready. To determine when the device will accept a new command, poll the WIP bit in the Status register or wait
the specified time tSUS.
PROGRAM/ERASE RESUME (PERRSM 7A/30h)
Program/Erase Resume restarts a Program/Erase command that was suspended, and changes the suspend
status bit in the (ESUS or PSUS bits) back to ‘0’. To execute a Program/Erase Resume operation, the host
drives CE# low, sends the Program/Erase Resume command cycle (30H), then drives CE# high. A cycle is two
nibbles long, most significant nibble first. To determine if the internal, self-timed Write operation completed, poll
the WIP bit in the Status register, or wait the specified time tSE, tBE or tPP for Sector- Erase, Block-Erase, or
Page-Programming, respectively. The total write time before suspend and after resume will not exceed the
uninterrupted write times tSE, tBE or tPP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com