Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032 Datasheet(PDF) 74 Page - Integrated Silicon Solution, Inc

Part # IS25LP032
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032 Datasheet(HTML) 74 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032 Datasheet HTML 70Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 71Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 72Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 73Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 74Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 75Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 76Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 77Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 78Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 90 page
background image
IS25LP032/064/128
Integrated Silicon Solution, Inc.- www.issi.com
74
Rev. D
10/03/2014
9. ELECTRICAL CHARACTERISTICS
9.1 ABSOLUTE MAXIMUM RATINGS
(1)
Storage Temperature
-65
oC to +150oC
Surface Mount Lead Soldering Temperature
Standard Package
240
oC 3 Seconds
Lead-free Package
260
oC 3 Seconds
Input Voltage with Respect to Ground on All Pins
-0.5V to V
CC + 0.5V
All Output Voltage with Respect to Ground
-0.5V to V
CC + 0.5V
V
CC
-0.5V to +6.0V
Note:
1. Applied conditions greater than those listed in “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
9.2 OPERATING RANGE
Part Number
IS25LP032/064/128
Operating Temperature (Extended Grade)
-40°C to 105°C
Operating Temperature (V Grade: Hybrid Flow)
-40°C to 125°C
Operating Temperature (Automotive Grade A1)
-40°C to 85°C
Operating Temperature (Automotive Grade A2)
-40°C to 105°C
Operating Temperature (Automotive Grade A3)
-40°C to 125°C
V
CC Power Supply
2.3V (VMIN)
– 3.6V (VMAX) ; 3.3V (Typ)
9.3 DC CHARACTERISTICS
(Under operating range)
Symbol
Parameter
Condition
Min
Typ
(2)
Max
Units
ICC1
V
CC Active Read Current
VCC = VMAX at 50MHz, SO = Open
10
15
mA
ICC2
V
CC Program/Erase Current
VCC = VMAX at 50MHz, SO = Open
25
40
mA
ISB1
V
CC Standby Current CMOS
VCC = VMAX, CE# = VCC
10
50
µA
ISB2
Deep power down current
V
CC = VMAX, CE# = VCC
5
20
µA
ILI
Input Leakage Current
VIN = 0V to VCC
1
µA
ILO
Output Leakage Current
VIN = 0V to VCC
1
µA
VIL
(1)
Input Low Voltage
-0.5
0.3VCC
V
VIH
(1)
Input High Voltage
0.7VCC
VCC + 0.3
V
VOL
Output Low Voltage
2.3V < VCC < 3.6V
IOL = 100 µA
0.2
V
VOH
Output High Voltage
IOH = -100 µA
VCC - 0.2
V
Notes:
1. Maximum DC voltage on input or I/O pins is VCC + 0.5V. During voltage transitions, input or I/O pins may
overshoot VCC by + 2.0 V for a period of time not to exceed 20ns. Minimum DC voltage on input or I/O pins is -
0.5V. During voltage transitions, input or I/O pins may undershoot GND by -2.0 V for a period of time not to
exceed 20ns.
2. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at
V
CC = VCC (Typ), TA=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com