Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3HDMI511ZLE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3HDMI511ZLE
Description  HDMI1.4 Redriver Source-side Application
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI511ZLE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3HDMI511ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
www.pericom.com
P-0.2
07/10/12
All trademarks are property of their respective owners.
PI3HDMI511
HDMITM1.4 Redriver for Source-side Application
Absolute Maximum Ratings
Item
Rating
Supply Voltage to Ground Potential
5.5V
All Inputs and Outputs
-0.5V to VDD+0.5V
Storage Temperature
-65 to +150°C
Junction Temperature
150°C
Soldering Temperature
260°C
Recommended Operation Conditions
Parameter
Min.
Typ.
Max.
Unit
Ambient Operating Temperature
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
3.0
3.3
3.6
V
DC Specification
Parameter Parameter
Conditions
Min.
Typ.
Max.
Unit
VDD
Operating Voltage
3.3
V
IDD
VDD Supply Current
Output Enable (open drain 500mV
single-ended 0dB pre-emphasis)
120
150
mA
Idd_Squelch Supply Current in squelch
mode
Input TMDS signal not valid,
/OE = Low
11
13
mA
Idd_Rx
Sense
supply current when no 50ohm
detected in Rx
Input TMDS is valid, but 50ohm Rx
Sense(RXSEN) is not detected
/OE = Low
4
5
mA
Istb
Standby mode
VDD=3.6V, HPD_SINK=0, /OE =
High
4
5
mA
VOL_HPD
Open Drain Output Low Volt-
age
IOL = 4 mA
0
0.4
V
IOFF_HPD
Off leakage current
VDD=0, VIN=3.6V
20
µA
VDD=0, VIN=5.5V
40
IOZ_HPD
Open drain Output leakage
current
VDD=3.6, VIN=3.6V
20
VDD=3.6, VIN=5.5V
40
Note: Stresses greater than those listed under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only
and functional operation of the device at these
or any other conditions above those indicated
in the operational sections of this specification
is not implied. Exposure to absolute maximum
rating conditions for extended periods may af-
fect reliability.
12-0185



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com