Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3HDMI511ZLE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3HDMI511ZLE
Description  HDMI1.4 Redriver Source-side Application
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI511ZLE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI511ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
www.pericom.com
P-0.2
07/10/12
All trademarks are property of their respective owners.
PI3HDMI511
HDMITM1.4 Redriver for Source-side Application
AC Characteristics (Over recommended operating conditions unless otherwise noted)
TMDS Differential Pins
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
tpd
Propagation delay
VDD = 3.3V, Rout = 50-ohm
2000
ps
tr
Differential output signal
rise time (20% - 80%)
190
tf
Differential output signal
fall time (20% - 80%)
190
tsk(p)
Pulse skew
10
50
ps
tsk(D)
Intra-pair differential skew
23
50
tsk(o)
Inter-pair differential skew
100
tjit(pp)
Peak-to-peak output jitter
CLK residual jitter
Data Input = 1.65 Gbps HDMI
data pattern
CLK Input = 165 MHz clock
15
30
tjit(pp)
Peak-to-peak output jitter
DATA Residual Jitter
18
50
ten
Enable time
1000
ns
tdis
Disable time
10
DDC I/O Pins (SCL_SRC, SCL_SINK, SDA_SRC, SDA_SINK)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
tpd(DDC)
Propagation Delay
CL = 10pF
0.4
2.5
ns
Control and Status Pins (HPD_SINK, HPD)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
tpd(HPD)
Propagation Delay
CL = 10pF, pull-up resistor=1K
ohm, Open drain output
10
ns
12-0185



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com