Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3HDMI511ZLE Datasheet(PDF) 16 Page - Pericom Semiconductor Corporation

Part # PI3HDMI511ZLE
Description  HDMI1.4 Redriver Source-side Application
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI511ZLE Datasheet(HTML) 16 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI511ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 13Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 14Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 15Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 16Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
www.pericom.com
P-0.2
07/10/12
All trademarks are property of their respective owners.
PI3HDMI511
HDMITM1.4 Redriver for Source-side Application
Appendix B: Evaluation Board Schematic and Layout
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
OUT_CK+
OUT_CK-
OUT_D0-
OUT_D0+
OUT_D1-
OUT_D1+
OUT_D2-
OUT_D2+
HPD_SINK
SDA_SINK
SCL_SINK
HPD_SRC
Test
OC_S0
/OE
SDA_SRC
SCL_SRC
EQ_S0
SCL_SINK
IN_CK-
IN_CK+
IN_D0-
IN_D0+
IN_D1-
IN_D1+
IN_D2-
IN_D2+
+5V_A
+5V_USB
+5V_A
+5V
+3V3
+3V3
+5V
+3V3
+5V
+3V3
+5V
Title
Size
Document Number
Rev
Date:
Sheet
of
A
PI3HDMI511 DEMO BOARD SCHEMATIC
1
1
Wednesday, April 25, 2012
Title
Size
Document Number
Rev
Date:
Sheet
of
A
PI3HDMI511 DEMO BOARD SCHEMATIC
1
1
Wednesday, April 25, 2012
Title
Size
Document Number
Rev
Date:
Sheet
of
A
PI3HDMI511 DEMO BOARD SCHEMATIC
1
1
Wednesday, April 25, 2012
TQFN-32
External Wiring
External Wiring
1
2
3
4
8
7
6
5
SW101
SW_X4_Half_Pitch
SW101
SW_X4_Half_Pitch
1
2
JP104
JP104
JP103
JP103
R107
4K7
R107
4K7
VBUS
1
D-
2
D+
3
ID
4
GND
5
J103
CON_USB2.0_MiniB_SMT
J103
CON_USB2.0_MiniB_SMT
D2+
1
D2 SHIELD
2
D2-
3
D1+
4
D1 SHIELD
5
D1-
6
D0+
7
D0 SHIELD
8
D0-
9
CK+
10
CK SHIELD
11
CK-
12
CEC
13
NC
14
SCL
15
SDA
16
PGND
17
+5V
18
HPD
19
J102
CON_HDMI_Recept
J102
CON_HDMI_Recept
1
2
D2+
1
D2 SHIELD
2
D2-
3
D1+
4
D1 SHIELD
5
D1-
6
D0+
7
D0 SHIELD
8
D0-
9
CK+
10
CK SHIELD
11
CK-
12
CEC
13
NC
14
SCL
15
SDA
16
PGND
17
+5V
18
HPD
19
J101
CON_HDMI_Plug
J101
CON_HDMI_Plug
+
+
R111
NP
R111
NP
D102
B0520LW
D102
B0520LW
ADJ/GND
1
VOUT
2
VIN
3
U102
REG1117-3.3V
U102
REG1117-3.3V
R104
2K2
R104
2K2
C105 4.7u
C105 4.7u
R106
4K7
R106
4K7
VDD
1
VDD_REG
2
IN_D0-
3
IN_D0+
4
IN_D1-
5
IN_D2-
7
IN_D2+
8
IN_CLK-
9
HPD_SRC
11
EQ_S0
17
OUT_CLK+
18
OUT_CLK-
19
OUT_D2+
20
OUT_D2-
21
VDD
22
OUT_D1+
23
OUT_D1-
24
OUT_D0+
25
IN_D1+
6
IN_CLK+
10
SCL_Sink
27
OUT_D0-
26
U101
PI3HDMI511
U101
PI3HDMI511
D101
B0520LW
D101
B0520LW
+
+
1
2
R105
2K2
R105
2K2
12-0185



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com