Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3HDMI521 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3HDMI521
Description  HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI521 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3HDMI521 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
PI3HDX412BD
3.4Gbps HDMI 1.4b 1:2 Splitter/Demux with Equalization & Pre-emphasis
4
www.pericom.com
03/24/14
All trademarks are property of their respective owners.
Pin # Pin Name
Type Description
49
50
51
52
(Continued)
I
EMP2 and EMP1 pins control output voltage pre-emphasis. These pins have
internally Pull-Up 100 Kohm.
EMP2 (Pin#52) EMP1 (Pin#51) Pre-emphasis Setting (dB)
0
0
0
0
1
1.5
1
0
2.5
1
1
3.5
56
OE
I
Output Enable Control pin. Internally pull-up at 100 Kohm.
"High" : Output Port Enable
"Low" : Turn off Rout and Rt(termination resistor). TMDS Receiver and TMDS
Output Drivers are "OFF" state.
54
DR
I
Direction Control pin
"High" : All ports are Active at same time
"Low" : Output Ports are controlled by SEL1 (Pin#55) control
55
SEL1
I
Port 1 or Port 2 Output Enable Selection pin. Internal pull-up at 100 Kohm.
"High" : Enable Output Port 2
"Low" : Enable Output Port 1
16
SEL_OUT
O
SEL_OUT pin. I2C Register Offset 0x00 Bit[5] can control this pin status.
Offset 0x00 Bit[5] ="1" : Enable Output Port 1 Output
Offset 0x00 Bit[5] ="0" : Disable Output Port 1 Output
17
ROUT_SEL
I
Source termination selection pin. Internal pull-up at 100K Ohm.
"High" : Source Termination Output (Rout) Resistor is "ON", connect to VDD in
Output Driver
"Low" : Source Termination Output (Rout) Resistor is "OFF". Open-Drain Output
Driver is open drain
14-0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com