Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3HDMI521 Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI3HDMI521
Description  HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI521 Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI521 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 15Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 16Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 17Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
PI3HDX412BD
3.4Gbps HDMI 1.4b 1:2 Splitter/Demux with Equalization & Pre-emphasis
13
www.pericom.com
03/24/14
All trademarks are property of their respective owners.
Symbol
Parameter
Test
Conditions
Min.
Typ.
Max.
Units
VI(open)
Single-ended input voltage under high
impedance input or open input
IL = 10 uA
VDD-10
VDD+10 mV
RT
Input termination resistance
VIN = 2.9 V
45
50
55
Ohm
IOZ
Leakage current with Hi-Z I/O
VDD = 3.6 V,
OE = 0
30
100
μA
Control pins (OE, SEL1, EMP2, EMP1, SW2, SW1, MS)
IIH
High level digital input current
VIH =VDD
-10
10
μA
IIL
Low level digital input current
VIL = GND
-50
10
μA
VIH
High level digital input voltage
2.4
V
VIL
Low level digital input voltage
0
0.8
V
AC Specifications
Symbol
Parameter
Test
Conditions
Min.
Typ.
Max.
Units
tpd
Propagation delay
2000
ps
tr
Differential output signal rise time (20%
- 80%), 0 dB / Open drain
VDD=3.3V,
ROUT=50 ohm
117
ps
tf
Differential output signal fall time (20%
- 80%), 0 dB / Open drain
117
ps
tsk(p)
Pulse skew
15
50
ps
tsk(D)
Intra-pair differential skew
25
50
ps
tsk(O)
Inter-pair differential skew
100
ps
tsx
Select to switch output
550
ns
ten
Enable time
1
10
us
tdis
Disable time
50
ns
tjit_clk(pp)
Peak-to-peak output jitter CLK residual
jitter
Data: 3.4 Gbps
data pattern
Clock: 340 MHz
10
ps
tjit_data(pp)
Peak-to-peak output jitter Date residual
jitter
28
ps
Note:
1. Overshoot of output differential voltage VOD(O) = (VSWING(MAX) *2) * 15%
2. Undershoot of output differential voltage VOD(O) = (VSWING(MIN) *2) * 25%
14-0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com