Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3HDMI521 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3HDMI521
Description  HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI521 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3HDMI521 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
PI3HDX412BD
3.4Gbps HDMI 1.4b 1:2 Splitter/Demux with Equalization & Pre-emphasis
2
www.pericom.com
03/24/14
All trademarks are property of their respective owners.
TMDS In/Out Pin Assignment
Pin # Pin Name
Type
Description
4
D2P
I
Input Port. TMDS Clock and Data Input pins. When Input Termination
Resistor (Rt = 50 Ohm) tied to VDD or GND, Rpd=200 kOhm shall be
"OFF" state.
I2C registers can control Rt and Rpd ON/OFF state.
5
D2N
I
7
D1P
I
8
D1N
I
9
D0P
I
10
D0N
I
12
CLKP
I
13
CLKN
I
25
CLKN2
O
Output Port 1. TMDS Clock and Data Output pins. ROUT_SEL pin en-
ables Output Termination Resistor (Rout=50 Ohm).
26
CLKP2
O
28
D0N2
O
29
D0P2
O
31
D1N2
O
32
D1P2
O
34
D2N2
O
35
D2P2
O
37
CLKN1
O
Output Port 2. TMDS Clock and Data Output pins. ROUT_SEL pin en-
ables Output Termination Resistor (Rout=50 Ohm).
38
CLKP1
O
40
D0N1
O
41
D0P1
O
43
D1N1
O
44
D1P1
O
46
D2N1
O
47
D2P1
O
Note: In TMDS Data and Clock Differential Pair, the polarity +/- (or P/N) of each pair can use interchangeably. When input TMDS Input Clock polarity +/-
pin swaps, output TMDS Clock of port 1 and port 2 shall swapped accordingly.
14-0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com