Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4GTL2014LE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI4GTL2014LE
Description  4-bit LVTTL to GTL transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4GTL2014LE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI4GTL2014LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-11-0001
PT0568-1
12/11/15
4
PI4GTL2014
Preliminary Datasheet
4-bit LVTTL to GTL transceiver
Operating conditions
[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.3
-
3.6
V
Lowest
voltage
0.71
0.75
0.79
V
VTT
termination voltage
[2]
GTL−
0.85
0.9
0.95
V
GTL
1.14
1.2
1.26
V
GTL+
1.35
1.5
1.65
V
Vref
reference voltage
overall
0.43
2⁄3V
TT
VCC/2
V
Lowest
voltage
0.43
0.5
0.55
GTL−
0.5
0.6
0.63
V
GTL
0.76
0.8
0.84
V
GTL+
0.87
1
1.1
V
VI
input voltage
B port
0
VTT
3.6
V
except B port
0
3.3
5.5
[3]
V
VIH
HIGH-level input
voltage
B port
Vref + 0.050
-
-
V
except B port
VCC=3.3V
2
-
-
V
except B port
VCC=2.5V
1.7
V
VIL
LOW-level input voltage
B port
-
-
Vref - 0.050
V
except B port
VCC=3.3V
-
-
0.8
V
except B port
VCC=2.5V
0.7
V
IOH
HIGH-level output
current
A port
VCC=3.3V
-
-
−16
mA
A port
VCC=2.5V
-6
mA
IOL
LOW-level output
current
B port
-
-
40
mA
A port
VCC=3.3V
-
-
16
mA
A port
VCC=2.5V
-
-
12
mA
Tamb
ambient temperature
operating in
free-air
−40
-
-85
°C
Note:
[1] Unused inputs must be held HIGH or LOW to prevent them from floating.
[2]
VTT maximum of 3.6 V with resistor sized so IOL maximum is not exceeded.
[3]
A0, A1, A2, A3 VI(max) is 3.6 V if configured as outputs (DIR = L).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com