Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4GTL2014LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI4GTL2014LE
Description  4-bit LVTTL to GTL transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4GTL2014LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI4GTL2014LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-11-0001
PT0568-1
12/11/15
1
PI4GTL2014
Preliminary Datasheet
4-bit LVTTL to GTL transceiver
Features
 Operates as a 4-bit GTL − /GTL/GTL+ sampling
receiver or as a LVTTL to GTL − /GTL/GTL+ driver
2.3 V to 3.6 V operation with 5 V tolerant LVTTL
input
 GTL input and output 3.6 V tolerant
 Vref adjustable from 0.5 V to VCC/2
 Partial power-down permitted
 ESD protection exceeds 2000 V HBM per JESD22-
A114 and 1000 V CDM per JESD22-CC101
 Latch-up protection exceeds 500 mA per JESD78
 Package offered: TSSOP14
Description
The PI4GTL2014 is a 4-bit translating transceiver
designed for 3.3 V LVTTL system interface with a GTL
− /GTL/GTL+ bus, where GTL − /GTL/GTL+ refers to
the reference voltage of the GTL bus and the
input/output voltage thresholds associated with it.
The direction pin allows the part to function as either
a GTL to LVTTL sampling receiver or as a LVTTL to
GTL interface.
The PI4GTL2014 LVTTL inputs (only) are tolerant
up to 5.5 V allowing direct access to TTL or 5 V CMOS
inputs. The LVTTL outputs are not 5.5 V tolerant.
The PI4GTL2014 GTL inputs and outputs operate up
to 3.6 V, allowing the device to be used in higher
voltage open-drain output applications.
DIR
1
direction control input (LVTTL)
B0
2
data inputs/outputs (GTL)
B1
3
B2
5
B3
6
A0
13
data inputs/outputs (LVTTL)
A1
12
A2
10
A3
9
VREF
4
GTL reference voltage
GND
7,8,11
ground (0 V)
VCC
14
positive supply voltage
Pin Configuration
Pin Description


Similar Part No. - PI4GTL2014LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4GTL2002 PERICOM-PI4GTL2002 Datasheet
537Kb / 12P
2-bit bidirectional low voltage translator
PI4GTL2002UE PERICOM-PI4GTL2002UE Datasheet
537Kb / 12P
2-bit bidirectional low voltage translator
PI4GTL2002UEX PERICOM-PI4GTL2002UEX Datasheet
537Kb / 12P
2-bit bidirectional low voltage translator
PI4GTL2002WE PERICOM-PI4GTL2002WE Datasheet
537Kb / 12P
2-bit bidirectional low voltage translator
PI4GTL2002WEX PERICOM-PI4GTL2002WEX Datasheet
537Kb / 12P
2-bit bidirectional low voltage translator
More results

Similar Description - PI4GTL2014LE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
NXP Semiconductors
GTL2014 PHILIPS-GTL2014 Datasheet
85Kb / 15P
4-bit LVTTL to GTL transceiver
Rev. 01-19 May 2005
logo
Texas Instruments
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
NXP Semiconductors
GTL2012 NXP-GTL2012 Datasheet
98Kb / 14P
2-bit LVTTL to GTL transceiver
Rev. 01-9 August 2007
GTL2018 NXP-GTL2018 Datasheet
94Kb / 14P
8-bit LVTTL to GTL transceiver
Rev. 01-15 February 2007
logo
Texas Instruments
SN74GTL2014 TI1-SN74GTL2014 Datasheet
891Kb / 20P
4-Channel LVTTL to GTL Transceiver
logo
ON Semiconductor
FXGL2014 ONSEMI-FXGL2014 Datasheet
1Mb / 14P
4-Channel LVTTL to GTL Transceiver
September 2018 Rev. 2
logo
Nuvoton Technology Corp...
NCT5914W NUVOTON-NCT5914W Datasheet
344Kb / 13P
4-bit LVTTL to GTL transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com