Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4GTL2014LE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI4GTL2014LE
Description  4-bit LVTTL to GTL transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4GTL2014LE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI4GTL2014LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4GTL2014LE Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-11-0001
PT0568-1
12/11/15
7
PI4GTL2014
Preliminary Datasheet
4-bit LVTTL to GTL transceiver
Dynamic characteristics
All typical values are at VCC = 2.5 V and Tamb = 25 °C.
Symbol
Parameter
Conditions
Min
Typ
[1]
Max
Unit
GTL − ; Vref = 0.5V; VTT = 0.75 V
tPLH
LOW to HIGH
propagation delay
An to Bn
2.3
5
ns
tPHL
HIGH to LOW
propagation delay
An to Bn
6.5
10
ns
tPLH
LOW to HIGH
propagation delay
Bn to An
7.5
12
ns
tPHL
HIGH to LOW
propagation delay
Bn to An
5.8
9
ns
GTL − ; Vref = 0.6 V; VTT = 0.9 V
tPLH
LOW to HIGH
propagation delay
An to Bn
2.3
5
ns
tPHL
HIGH to LOW
propagation delay
An to Bn
5.7
10
ns
tPLH
LOW to HIGH
propagation delay
Bn to An
7.5
12
ns
tPHL
HIGH to LOW
propagation delay
Bn to An
5.6
9
ns
GTL − ; Vref = 0.8 V; VTT = 1.2 V
tPLH
LOW to HIGH
propagation delay
An to Bn
2.3
5
ns
tPHL
HIGH to LOW
propagation delay
An to Bn
7.5
12
ns
tPLH
LOW to HIGH
propagation delay
Bn to An
7.5
12
ns
tPHL
HIGH to LOW
propagation delay
Bn to An
5.6
9
ns
GTL+; Vref = 1.0 V; VTT = 1.5 V
tPLH
LOW to HIGH
propagation delay
An to Bn
2.3
5
ns
tPHL
HIGH to LOW
propagation delay
An to Bn
8.6
12
ns
tPLH
LOW to HIGH
propagation delay
Bn to An
8.8
12
ns
tPHL
HIGH to LOW
propagation delay
Bn to An
5.6
9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com