Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1241 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1241
Description  Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1241 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC1241 Datasheet HTML 6Page - National Semiconductor (TI) ADC1241 Datasheet HTML 7Page - National Semiconductor (TI) ADC1241 Datasheet HTML 8Page - National Semiconductor (TI) ADC1241 Datasheet HTML 9Page - National Semiconductor (TI) ADC1241 Datasheet HTML 10Page - National Semiconductor (TI) ADC1241 Datasheet HTML 11Page - National Semiconductor (TI) ADC1241 Datasheet HTML 12Page - National Semiconductor (TI) ADC1241 Datasheet HTML 13Page - National Semiconductor (TI) ADC1241 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
20 Functional Description (Continued)
Digital Control Inputs
AD Function
CS
WR
RD
CAL
AZ
1
1
1
Start Conversion without Auto-Zero
1
1
1
Read Conversion Result without Auto-Zero
1
1
0
Start Conversion with Auto-Zero
1
1
0
Read Conversion Result with Auto-Zero
1X
X
X
Start Calibration Cycle
0
X
1
0
X
Test Mode (DB2 DB3 DB5 and DB6 become active)
FIGURE 1 Function of the AD Control Inputs
The table in
Figure 1 summarizes the effect of the digital
control inputs on the function of the ADC1241 The Test
Mode where RD is high and CS and CAL are low is used by
the factory to thoroughly check out the operation of the
ADC1241 Care should be taken not to inadvertently be in
this mode since DB2 DB3 DB5 and DB6 become active
outputs which may cause data bus contention
22 RESETTING THE AD
All internal logic can be reset which will abort any conver-
sion in process The AD is reset whenever a new conver-
sion is started by taking CS and WR low If this is done when
the analog input is being sampled or when EOC is low the
Auto-Cal correction factors may be corrupted therefore
making it necessary to do an Auto-Cal cycle before the next
conversion This is true with or without Auto-Zero The Cali-
bration Cycle cannot be reset once started On power-up
the ADC1241 automatically goes through a Calibration Cy-
cle that takes typically 1396 clock cycles
30 Analog Considerations
31 REFERENCE VOLTAGE
The voltage applied to the reference input of the converter
defines the voltage span of the analog input (the difference
between VIN and AGND) over which 4095 positive output
codes and 4096 negative output codes exist The A-to-D
can be used in either ratiometric or absolute reference ap-
plications The voltage source driving VREF must have a
very low output impedance and very low noise The circuit in
Figure 2 is an example of a very stable reference that is
appropriate for use with the ADC1241
In a ratiometric system the analog input voltage is propor-
tional to the voltage used for the AD reference When this
voltage is the system power supply the VREF pin can be
tied to VCC This technique relaxes the stability requirement
of the system reference as the analog input and AD refer-
ence move together maintaining the same output code for
given input condition
TLH10554 – 17
Tantalum
FIGURE 2 Low Drift Extremely Stable Reference Circuit
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com