Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1241 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1241
Description  Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1241 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC1241 Datasheet HTML 1Page - National Semiconductor (TI) ADC1241 Datasheet HTML 2Page - National Semiconductor (TI) ADC1241 Datasheet HTML 3Page - National Semiconductor (TI) ADC1241 Datasheet HTML 4Page - National Semiconductor (TI) ADC1241 Datasheet HTML 5Page - National Semiconductor (TI) ADC1241 Datasheet HTML 6Page - National Semiconductor (TI) ADC1241 Datasheet HTML 7Page - National Semiconductor (TI) ADC1241 Datasheet HTML 8Page - National Semiconductor (TI) ADC1241 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC e DVCC e AVCC)
65V
Negative Supply Voltage (Vb)
b
65V
Voltage at Logic Control Inputs
b
03V to (VCC a 03V)
Voltage at Analog Input (VIN)(Vb b03V) to (VCC a 03V)
AVCC-DVCC (Note 7)
03V
Input Current at any Pin (Note 3)
g
5mA
Package Input Current (Note 3)
g
20 mA
Power Dissipation at 25 C (Note 4)
875 mW
Storage Temperature Range
b
65 Cto a150 C
ESD Susceptability (Note 5)
2000V
Soldering Information
J Package (10 sec)
300 C
Operating Ratings (Notes12)
Temperature Range
TMINsTAsTMAX
ADC1241BIJ ADC1241CIJ
b
40 CsTAsa85 C
ADC1241CMJ ADC1241CMJ883 b55 CsTAsa125 C
DVCC and AVCC Voltage
(Notes67)
45V to 55V
Negative Supply Voltage (Vb)
b
45V to b55V
Reference Voltage
(VREF Notes67)
35V to AVCC a 50 mV
Converter Electrical Characteristics
The following specifications apply for VCC e DVCC e AVCC ea50V Vb eb50V VREF ea50V and fCLK e 20 MHz
unless otherwise specified Boldface limits apply for TA e TJ e TMIN to TMAX all other limits TA e TJ e 25 C (Notes 6 7
and 8)
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 9) (Notes 10 18)
(Limit)
STATIC CHARACTERISTICS
Positive Integral
ADC1241BIJ
After Auto-Cal
g
LSB(max)
Linearity Error
ADC1241CMJ CIJ
(Notes 11
12)
g
1
LSB max
Negative Integral
ADC1241BIJ
After Auto-Cal
g
1
LSB(max)
Linearity Error
ADC1241CMJ CIJ
(Notes 11
12)
g
1
LSB(max)
Differential Linearity
After Auto-Cal (Notes 11
12)
12
Bits(min)
Zero Error
After Auto-Zero or Auto-Cal
g
1
LSB(max)
(Notes 12
13)
Positive Full-Scale Error
After Auto-Cal (Note 12)
g
g
1
LSB(max)
Negative Full-Scale Error
After Auto-Cal (Note 12)
g
1
g
2
LSB(max)
CREF
VREF Input Capacitance
80
pF
CIN
Analog Input Capacitance
65
pF
VIN
Analog Input Voltage
Vb b 005
V(min)
VCC a 005
V(max)
Power Supply
Zero Error (Note 14) AVCC e DVCC e 5V g5%
g
LSB
Sensitivity
Full-Scale Error
VREF e 475V Vb eb5V g5%
g
LSB
Linearity Error
g
LSB
DYNAMIC CHARACTERISTICS
S(NaD) Unipolar Signal-to-NoiseaDistortion
fIN e 1 kHz VIN e 485 Vp-p
72
dB
Ratio (Note 17)
fIN e 10 kHz VIN e 485 Vp-p
72
dB
S(NaD) Bipolar Signal-to-NoiseaDistortion
fIN e 1 kHz VIN e g485 Vp-p
76
dB
Ratio (Note 17)
fIN e 10 kHz VIN e g485 Vp-p
76
dB
Unipolar Full Power Bandwidth (Note 17)
VIN e 0V to 485V
32
kHz
Bipolar Full Power Bandwidth (Note 17)
VIN e g485 Vp-p
25
kHz
tAp
Aperture Time
100
ns
Aperture Jitter
100
psrms
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com