Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1241 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1241
Description  Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1241 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC1241 Datasheet HTML 6Page - National Semiconductor (TI) ADC1241 Datasheet HTML 7Page - National Semiconductor (TI) ADC1241 Datasheet HTML 8Page - National Semiconductor (TI) ADC1241 Datasheet HTML 9Page - National Semiconductor (TI) ADC1241 Datasheet HTML 10Page - National Semiconductor (TI) ADC1241 Datasheet HTML 11Page - National Semiconductor (TI) ADC1241 Datasheet HTML 12Page - National Semiconductor (TI) ADC1241 Datasheet HTML 13Page - National Semiconductor (TI) ADC1241 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
40 Dynamic Performance
Many applications require the AD converter to digitize ac
signals but the standard dc integral and differential nonlin-
earity specifications will not accurately predict the AD con-
verter’s performance with ac input signals The important
specifications for ac applications reflect the converter’s abil-
ity to digitize ac signals without significant spectral errors
and without adding noise to the digitized signal Dynamic
characteristics such as signal-to-noiseadistortion ratio
(S(NaD)) effective bits full power bandwidth aperture
time and aperture jitter are quantitative measures of the
AD converter’s capability
An AD converter’s ac performance can be measured using
Fast Fourier Transform (FFT) methods A sinusoidal wave-
form is applied to the AD converter’s input and the trans-
form is then performed on the digitized waveform S(NaD)
is calculated from the resulting FFT data and a spectral plot
may also be obtained Typical values for S(NaD) are
shown in the table of Electrical Characteristics and spectral
plots are included in the typical performance curves
The AD converter’s noise and distortion levels will change
with the frequency of the input signal with more distortion
and noise occurring at higher signal frequencies This can
be seen in the S(NaD) versus frequency curves These
curves will also give an indication of the full power band-
width (the frequency at which the S(NaD) drops 3 dB)
Two samplehold specifications aperture time and aperture
jitter are included in the Dynamic Characteristics table
since the ADC1241 has the ability to track and hold the
analog input voltage Aperture time is the delay for the AD
to respond to the hold command In the case of the
ADC1241 the hold command is internally generated When
the Auto-Zero function is not being used the hold command
occurs at the end of the acquisition window or seven clock
periods after the rising edge of the WR The delay between
the internally generated hold command and the time that
the ADC1241 actually holds the input signal is the aperture
time For the ADC1241 this time is typically 100 ns Aper-
ture jitter is the change in the aperture time from sample to
sample Aperture jitter is useful in determining the maximum
slew rate of the input signal for a given accuracy For exam-
ple an ADC1241 with 100 ps of aperture jitter operating with
a 5V reference can have an effective gain variation of about
1 LSB with an input signal whose slew rate is 12 V ms
Power Supply Bypassing
TLH10554 – 19
Tantalum
Protecting the Analog Inputs
TLH10554 – 20
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com