Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12441 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12441
Description  Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12441 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC12441 Datasheet HTML 1Page - National Semiconductor (TI) ADC12441 Datasheet HTML 2Page - National Semiconductor (TI) ADC12441 Datasheet HTML 3Page - National Semiconductor (TI) ADC12441 Datasheet HTML 4Page - National Semiconductor (TI) ADC12441 Datasheet HTML 5Page - National Semiconductor (TI) ADC12441 Datasheet HTML 6Page - National Semiconductor (TI) ADC12441 Datasheet HTML 7Page - National Semiconductor (TI) ADC12441 Datasheet HTML 8Page - National Semiconductor (TI) ADC12441 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLH11017
November 1994
ADC12441 Dynamically-Tested Self-Calibrating 12-Bit
Plus Sign AD Converter with Sample-and-Hold
General Description
The ADC12441 is a CMOS 12-bit plus sign successive ap-
proximation analog-to-digital converter whose dynamic
specifications (SN THD etc) are tested and guaranteed
On request the ADC12441 goes through a self-calibration
cycle that adjusts positive linearity and full-scale errors to
less than g
LSB each and zero error to less than
g
1 LSB The ADC12441 also has the ability to go through
an Auto-Zero cycle that corrects the zero error during every
conversion
The analog input to the ADC12441 is tracked and held by
the internal circuitry and therefore does not require an ex-
ternal sample-and-hold A unipolar analog input voltage
range (0V to a5V) or a bipolar range (b5V to a5V) can be
accommodated with g5V supplies
The 13-bit word on the outputs of the ADC12441 gives a 2’s
complement representation of negative numbers The digi-
tal inputs and outputs are compatible with TTL or CMOS
logic levels
Features
Y
Self-calibration provides excellent temperature stability
Y
Internal sample-and-hold
Y
Bipolar input range with single a5V reference
Applications
Y
Digital signal processing
Y
Telecommunications
Y
Audio
Y
High resolution process control
Y
Instrumentation
Key Specifications
Y
Resolution
12 bits plus sign
Y
Conversion Time
138 ms (max)
Y
Bipolar SignalNoise
765 dB (min)
Y
Total Harmonic Distortion
b
75 dB (max)
Y
Aperture Time
100 ns
Y
Aperture Jitter
100 psrms
Y
Zero Error
g
1 LSB (max)
Y
Positive Full Scale Error
g
1 LSB (max)
Y
Power Consumption
g
5V
70 mW (max)
Y
Sampling rate
55 kHz (max)
TRI-STATE
is a registered trademark of National Semiconductor Corporation
Simplified Block Diagram
TLH11017 – 1
Connection Diagram
Dual-In-Line Package
TLH11017 – 2
Top View
Order Number
ADC12441CMJ ADC12441CMJ883
or ADC12441CIJ
See NS Package Number J28A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - ADC12441

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC124 MPSIND-ADC124 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC1241BIJ NSC-ADC1241BIJ Datasheet
268Kb / 14P
Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC1241CIJ NSC-ADC1241CIJ Datasheet
268Kb / 14P
Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC1241CMJ NSC-ADC1241CMJ Datasheet
268Kb / 14P
Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
More results

Similar Description - ADC12441

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC12451 NSC-ADC12451 Datasheet
311Kb / 18P
Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12L030 NSC-ADC12L030 Datasheet
828Kb / 36P
3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com