Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12441 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12441
Description  Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12441 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC12441 Datasheet HTML 1Page - National Semiconductor (TI) ADC12441 Datasheet HTML 2Page - National Semiconductor (TI) ADC12441 Datasheet HTML 3Page - National Semiconductor (TI) ADC12441 Datasheet HTML 4Page - National Semiconductor (TI) ADC12441 Datasheet HTML 5Page - National Semiconductor (TI) ADC12441 Datasheet HTML 6Page - National Semiconductor (TI) ADC12441 Datasheet HTML 7Page - National Semiconductor (TI) ADC12441 Datasheet HTML 8Page - National Semiconductor (TI) ADC12441 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC e DVCC e AVCC)
65V
Negative Supply Voltage (Vb)
b
65V
Voltage at Logic Control Inputs
b
03V to (VCCa03V)
Voltage at Analog Inputs
(VIN and VREF)(Vbb03V) to (VCCa03V)
AVCC–DVCC (Note 7)
03V
Input Current at Any Pin (Note 3)
g
5mA
Package Input Current (Note 3)
g
20 mA
Power Dissipation at 25 C (Note 4)
875 mW
Storage Temperature Range
b
65 Cto a150 C
ESD Susceptability (Note 5)
2000V
Soldering Information
J Package (10 sec)
300 C
Operating Ratings (Notes12)
Temperature Range
TMIN s TA s TMAX
ADC12441CIJ
b
40 C s TA s a85 C
ADC12441CMJ
ADC12441CMJ883
b
55 C s TA s a125 C
DVCC and AVCC Voltage
(Notes67)
45V to 55V
Negative Supply Voltage (Vb)
b
45V to b55V
Reference Voltage
(VREF Notes67)
35V to AVCC a 50 mV
Converter Electrical Characteristics
The following specifications apply for VCC e DVCC e AVCC ea50V Vb eb50V VREF ea50V Analog Input Source
Impedance e 600X and fCLK e 20 MHz unless otherwise specified Boldface limits apply for TA e TJ e TMIN to TMAX
all other limits TA e TJ e 25 C (Notes 6 7 and 8)
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 9)
(Note 10)
(Limit)
STATIC CHARACTERISTICS
Positive Integral Linearity Error
After Auto-Cal (Notes 11
12)
g
LSB
Negative Integral Linearity Error
After Auto-Cal (Notes 11
12)
g
LSB
Positive or Negative Differential Linearity
After Auto-Cal (Notes 11
12)
12
Bits
Zero Error
After Auto-Zero or Auto-Cal
g
1
LSB (max)
(Notes 12
13)
Positive Full-Scale Error
After Auto-Cal (Note 12)
g
g
1
LSB (max)
Negative Full-Scale Error
After Auto-Cal (Note 12)
g
1
g
2
LSB (max)
VIN
Analog Input Voltage
Vb b 005
V(min)
VCC a 005
V(max)
Power Supply
Zero Error (Note 14) AVCC e DVCC e 5V g5%
g
LSB
Sensitivity
Full-Scale Error
VREF e 475V Vb eb5V g5%
g
LSB
Linearity Error
g
LSB
CREF
VREF Input Capacitance (Note 18)
80
pF
CIN
Analog Input Capacitance
65
pF
DYNAMIC CHARACTERISTICS
Bipolar Effective Bits
fIN e 1 kHz VIN e g485V
126
Bits
(Note 17)
fIN e 20 kHz VIN e g485V
126
124
Bits (min)
Unipolar Effective Bits
fIN e 1 kHz VIN e 485 Vp-p
118
Bits
(Note 17)
fIN e 20 kHz VIN e 485 Vp-p
118
116
Bits (min)
SN
Bipolar Signal-to-Noise Ratio
fIN e 1 kHz VIN e g485V
78
dB
(Note 17)
fIN e 10 kHz VIN e g485V
78
dB
fIN e 20 kHz VIN e g485V
78
765
dB (min)
SN
Unipolar Signal-to-Noise Ratio
fIN e 1 kHz VIN e 485 Vp-p
73
dB
(Note 17)
fIN e 10 kHz VIN e 485 Vp-p
73
dB
fIN e 20 kHz VIN e 485 Vp-p
73
715
dB (min)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com