Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12441 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12441
Description  Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12441 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC12441 Datasheet HTML 6Page - National Semiconductor (TI) ADC12441 Datasheet HTML 7Page - National Semiconductor (TI) ADC12441 Datasheet HTML 8Page - National Semiconductor (TI) ADC12441 Datasheet HTML 9Page - National Semiconductor (TI) ADC12441 Datasheet HTML 10Page - National Semiconductor (TI) ADC12441 Datasheet HTML 11Page - National Semiconductor (TI) ADC12441 Datasheet HTML 12Page - National Semiconductor (TI) ADC12441 Datasheet HTML 13Page - National Semiconductor (TI) ADC12441 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
40 Dynamic Performance
Many applications require the AD converter to digitize ac
signals but the standard dc integral and differential nonlin-
earity specifications will not accurately predict the AD con-
verter’s performance with ac input signals The important
specifications for ac applications reflect the converter’s abil-
ity to digitize ac signals without significant spectral errors
and without adding noise to the digitized signal Dynamic
characteristics such as signal-to-noise ratio (SN) signal-to-
noiseadistortion ratio (S(NaD)) effective bits full power
bandwidth aperture time and aperture jitter are quantitative
measures of the AD converter’s capability
An AD converter’s ac performance can be measured using
Fast Fourier Transform (FFT) methods A sinusoidal wave-
form is applied to the AD converter’s input and the trans-
form is then performed on the digitized waveform S(NaD)
and SN are calculated from the resulting FFT data and a
spectral plot may also be obtained Typical values for SN
are shown in the table of Electrical Characteristics and
spectral plots of S(NaD) are included in the typical per-
formance curves
The AD converter’s noise and distortion levels will change
with the frequency of the input signal with more distortion
and noise occurring at higher signal frequencies This can
be seen in the S(NaD) versus frequency curves These
curves will also give an indication of the full power band-
width (the frequency at which the S(NaD) or SN drops
3 dB)
Effective number of bits can also be useful in describing the
AD’s noise performance An ideal AD converter will have
some amount of quantization noise determined by its reso-
lution which will yield an optimum SN ratio given by the
following equation
SN e (602 c n a 18)dB
where n is the AD’s resolution in bits
The effective bits of a real AD converter therefore can be
found by
n(effective) e
SN(dB)b18
602
As an example an ADC12441 with a g5V 10 kHz sine
wave input signal will typically have a SN of 78 dB which is
equivalent to 126 effective bits
Two samplehold specifications aperture time and aperture
jitter are included in the Dynamic Characteristics table
since the ADC12441 has the ability to track and hold the
analog input voltage Aperture time is the delay for the AD
to respond to the hold command In the case of the
ADC12441
the hold command is internally generated
When the Auto-Zero function is not being used the hold
command occurs at the end of the acquisition window or
seven clock periods after the rising edge of the WR The
delay between the internally generated hold command and
the time that the ADC12441 actually holds the input signal is
the aperture time For the ADC12441 this time is typically
100 ns Aperture jitter is the change in the aperture time
from sample to sample Aperture jitter is useful in determin-
ing the maximum slew rate of the input signal for a given
accuracy For example an ADC12441 with 100 ps of aper-
ture jitter operating with a 5V reference can have an effec-
tive gain variation of about 1 LSB with an input signal whose
slew rate is 12 V ms
Power Supply Bypassing
TLH11017 – 22
Tantalum
Ceramic
Protecting the Analog Inputs
TLH11017 – 23
Note
External protection diodes should be able to withstand the op amp
current limit
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com