Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W.FL-R-1 Datasheet(PDF) 6 Page - Hirose Electric

Part # W.FL-R-1
Description  Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

W.FL-R-1 Datasheet(HTML) 6 Page - Hirose Electric

  W.FL-R-1 Datasheet HTML 1Page - Hirose Electric W.FL-R-1 Datasheet HTML 2Page - Hirose Electric W.FL-R-1 Datasheet HTML 3Page - Hirose Electric W.FL-R-1 Datasheet HTML 4Page - Hirose Electric W.FL-R-1 Datasheet HTML 5Page - Hirose Electric W.FL-R-1 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
(1) Mating/ un-mating
(2) Cable handling
(3) Precautions
1) Mating.
1) Both parts must be aligned on the axis to mate correct. Press down firmly. A tactile “click” will confirm fully
mated condition.
2) Un-mating.
1) Fully insert the tool under the plug’s flanges as shown.
1) Apply even force upward until the plug is free.
Do not twist, apply excessive forces or sharp bends to the cable.
Do NOT forcefully twist or deform wires.
6
sUsage Precautions
1. Plugs
2. Receptacles
W.FL-LP-040
Cable Assembly
W.FL-R-SMT-1
2N max
×
×
Preheating (130ç to 165ç)
Within 2 minutes
40 to 50 seconds
Time
80
100
120
140
160
180
200
220
240
260
Peak temperature and time
240ç 3 seconds
183ç
[ç]
W.FL Cable
Assembly
W.FL-R-SMT-1
W.FL-LP-N plug extraction tool
The contents of this catalog are current as of date of publication. Contents are subject to change without notice for the purpose of improvements.
(1) Recommended soldering
temperature profile
(2) Recommended screen thickness
0.1 to 0.12 mm
1) The temperature profile indicates the board surface temperature at the point of contacts with the connector
terminals.
2) The temperature may vary, depending on the board size, the solder paste type and thickness.
Receptacle
The contents of this catalog are current as of date of publication. Contents are subject to change without notice for the purpose of improvements.
5-23,OSAKI 5-CHOME,SHINAGAWA-KU,TOKYO 141-8587,JAPAN
PHONE: 81-3-3491-9741, FAX: 81-3-3493-2933
http://www.hirose.com
http://www.hirose-connectors.com
®



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com