Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W.FL-R-1 Datasheet(PDF) 2 Page - Hirose Electric

Part # W.FL-R-1
Description  Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

W.FL-R-1 Datasheet(HTML) 2 Page - Hirose Electric

  W.FL-R-1 Datasheet HTML 1Page - Hirose Electric W.FL-R-1 Datasheet HTML 2Page - Hirose Electric W.FL-R-1 Datasheet HTML 3Page - Hirose Electric W.FL-R-1 Datasheet HTML 4Page - Hirose Electric W.FL-R-1 Datasheet HTML 5Page - Hirose Electric W.FL-R-1 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Note1:Cable type connector measurements.
With SMA conversion adapters mated with W.FL plug
at each end of the 100cm long ultra-fine coaxial cable.
Note2:Board type connector measurements.
Mounted on a 50 ohms glass epoxy board.
Measurements were conducted with SMA conversion
adapters attached.
Note:V.S.W.R. Measurement System
Note:Measured as shown on the block diagram below.
Note:Test connection and measurement setup.
sPlug
Plugs can be ordered only terminated to the cable.
2.85
Network Analyzer
Test Set
Test Port
Termination
D.U.T
Test Port Cable
Ratings
Nominal characteristic
impedance
Frequency range
50 ohms
DC to 6GHz
Operating temperature range
Operating humidity
-40ç to +90ç
(Relative humidity 90% max.)
-40ç to +70ç
(Relative humidity 90% max.)
sProduct Specifications
sMaterials and Finishes
1. Contact resistance
2. Insulation resistance
3. Withstanding voltage
4. V.S.W.R.(Note)
Center: 20m ohms max. Outside: 10m ohms max.
500M ohms min., 100V DC
200V AC / 1 minute
1.3 max. (Up to 3GHz)
1.35 max. (3 to 6GHz)
Item
Specification
sMaterial/Finishes
Plug
Receptacle
Shell
Insulator
Socket center contact
Shell
Insulator
Pin center contact
Phosphor bronze
PBT
Phosphor bronze
Phosphor bronze
LCP
Brass
Silver plated
Black, UL94V-0
Gold plated
Silver plated
Black, UL94V-0
Gold plated
Part
Component
Material
Finish/Remarks



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com