Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W.FL-R-1 Datasheet(PDF) 3 Page - Hirose Electric

Part # W.FL-R-1
Description  Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

W.FL-R-1 Datasheet(HTML) 3 Page - Hirose Electric

  W.FL-R-1 Datasheet HTML 1Page - Hirose Electric W.FL-R-1 Datasheet HTML 2Page - Hirose Electric W.FL-R-1 Datasheet HTML 3Page - Hirose Electric W.FL-R-1 Datasheet HTML 4Page - Hirose Electric W.FL-R-1 Datasheet HTML 5Page - Hirose Electric W.FL-R-1 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(L)(mm)
Standard Tolerance (mm)
3
sHow to Specify Cable Assembly
q Ordering Information
q Standard tolerances for (L)**
L(mm)
Double-ended cable assembly
L(mm)
Single-ended cable assembly
sReceptacle
0.3
0.85
0.25
0.3
2
1.7
SIGNAL TERMINAL
GND
BRecommended PCB Mounting Pattern
GND
No conductive traces in this area
2.6
1.4
0.5
SIGNAL
TERMINAL
PAD
Series name
Assembly type
Cable type
Cable color
Total length (mm)
W.FL
LP2: Single ended
2LP: Double ended
04N: 0.81mm dia. ultra-fine coaxial cable
1: White, 2: Black
Length (L)
1
2
3
4
5
*L=35 to 200
±4
L=200 to 500
±8
L=500 to 1000
±12
L=1000 /
±1.5% of (L)
Part Number
CL No.
Packaging
331-0482-6-10
Reel packaging (2000 pieces/reel)
W.FL-R-SMT-1(10)
Weight / EA
5.6 mg
--
--
--
-- (L)
A
[[ ]]
04N
2LP
W.FL
1
2
3
4
5
*Minimum available length (L) is 35mm
**Contact nearest HRS representative if different
tolerances are required.
***Contact Nearest HRS representative if one end
requires preparation.
Recommended screen thickness: 0.1mm to 0.12mm
***



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com