Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C7300DNA Datasheet(PDF) 85 Page - Pericom Semiconductor Corporation

Part # PI7C7300DNA
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNA Datasheet(HTML) 85 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNA Datasheet HTML 81Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 82Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 83Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 84Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 85Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 86Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 87Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 88Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 89Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 85 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
14.1.27
DIAGNOSTIC / CHIP CONTROL REGISTER – OFFSET 40h
Configuration 1
Bit
Function
Type
Description
0
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0
1
Memory Write
Disconnect
Control
R/W
Controls when the bridge (as a target) disconnects memory write
transactions.
0: memory write disconnects at 4KB aligned address boundary
1: memory write disconnects at cache line aligned address boundary
Reset to 0
3:2
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0.
4
Memory Read
Flow-Through
Control
R/W
Controls whether the bridge supports memory read flow-through
0: Enable
1: Disable
Reset to 0
8:5
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0
10:9
Test Mode For
All Counters at P
and S1
R/O
Controls the testability of the bridge’s internal counters.
The bits are used for chip test only.
00: all bits are exercised
01: byte 1 is exercised
10: byte 2 is exercised
11: byte 3 is exercised
Reset to 0
15:11
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0.
Configuration 2
Bit
Function
Type
Description
0
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0
1
Memory Write
Disconnect
Control at S2
R/W
Controls when the bridge (as a target) disconnects memory write
transactions.
0: memory write disconnects at 4KB aligned address boundary
1: memory write disconnects at cache line aligned address boundary
Reset to 0
3:2
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0
4
Memory Read
Flow-through
Control
R/W
Controls whether the bridge supports memory read flow-through
0: Enable
1: Disable
Reset to 0
8:5
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0
10:9
Test Mode For
All Counters at
S2
R/O
Controls the testability of the bridge’s internal counters.
The bits are used for chip test only.
00: all bits are exercised
01: byte 1 is exercised
10: byte 2 is exercised
11: byte 3 is exercised
Reset to 0
15:11
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com