Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C7300DNA Datasheet(PDF) 96 Page - Pericom Semiconductor Corporation

Part # PI7C7300DNA
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNA Datasheet(HTML) 96 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNA Datasheet HTML 92Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 93Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 94Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 95Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 96Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 97Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 98Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 99Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 100Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 96 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
DWC (Row 5)
Yes
Yes
Yes
No
No
In Row 1 Column 1, PMW cannot pass the previous PMW and that means they must
complete on the target bus in the order in which they were received in the initiator bus.
In Row 2 Column1,DRR cannot pass the previous PMW and that means the previous
PMW heading to the same direction must be completed before the DRR can be attempted
on the target bus.
In Row 1 Column 2, PMW can pass the previous DRR as long as the DRR reaches the
head of the delayed transaction queue.
15.3
ABNORMAL TERMINATION (INITIATED BY BRIDGE
MASTER)
15.3.1
MASTER ABORT
Master abort indicates that when PI7C7300D acts as a master and receives no response
(i.e., no target asserts DEVSEL# or S1_DEVSEL# or S2_DEVSEL#) from a target, the
bridge deasserts FRAME# and then deasserts IRDY#.
15.3.2
PARITY AND ERROR REPORTING
Parity must be checked for all addresses and write data. Parity is defined on the P_PAR,
S1_PAR, and S2_PAR signals. Parity should be even (i. e. an even number of‘1’s) across
AD, CBE, and PAR. Parity information on PAR is valid the cycle after AD and CBE are
valid. For reads, even parity must be generated using the initiators CBE signals combined
with the read data. Again, the PAR signal corresponds to read data from the previous
data phase cycle.
15.3.3
REPORTING PARITY ERRORS
For all address phases, if a parity error is detected, the error should be reported on the
P_SERR# signal by asserting P_SERR# for one cycle and then 3-stating two cycles after
the bad address. P_SERR# can only be asserted if bit 6 and 8 in the Command Register
are both set to 1. For write data phases, a parity error should be reported by asserting the
P_PERR# signal two cycles after the data phase and should remain asserted for one cycle
when bit 6 in the Command register is set to a 1. The target reports any type of data
parity errors during write cycles, while the master reports data parity errors during read
cycles.
Detection of an address parity error will cause the PCI-to-PCI Bridge target to not claim
the bus (P_DEVSEL# remains inactive) and the cycle will then terminate with a Master
Abort. When the bridge is acting as master, a data parity error during a read cycle results
in the bridge master initiating a Master Abort.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com