Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C7300DNA Datasheet(PDF) 32 Page - Pericom Semiconductor Corporation

Part # PI7C7300DNA
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNA Datasheet(HTML) 32 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNA Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 32Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 33Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 34Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 35Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 36Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 32 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
Table 4-5 (assuming no disconnect is received from the target).
4.7.6
DELAYED READ COMPLETION ON INITIATOR BUS
When the transaction has been completed on the target bus, and the delayed read data is
at the head of the read data queue, and all ordering constraints with posted write
transactions have been satisfied, the PI7C7300D transfers the data to the initiator when
the initiator repeats the transaction. For memory read transactions, PI7C7300D aliases
the memory read, memory read line, and memory read multiple bus commands when
matching the bus command of the transaction to the bus command in the delayed
transaction queue. PI7C7300D returns a target disconnect along with the transfer of the
last DWORD of read data to the initiator. If PI7C7300D initiator terminates the
transaction before all read data has been transferred, the remaining read data left in data
buffers is discarded.
When the master repeats the transaction and starts transferring prefetchable read data
from data buffers while the read transaction on the target bus is still in progress and
before a read boundary is reached on the target bus, the read transaction starts operating
in flow-through mode. Because data is flowing through the data buffers from the target to
the initiator, long read bursts can then be sustained. In this case, the read transaction is
allowed to continue until the initiator terminates the trans-action, or until an aligned 4KB
address boundary is reached, or until the buffer fills, whichever comes first. When the
buffer empties, PI7C7300D reflects the stalled condition to the initiator by disconnecting
the initiator with data. The initiator may retry the transaction later if data are needed. If
the initiator does not need any more data, the initiator will not continue the disconnected
transaction. In this case, PI7C7300D will start the master timeout timer. The remaining
read data will be discarded after the master timeout timer expires. To provide better
latency, if there are any other pending data for other transactions in the RDB (Read Data
Buffer), the remaining read data will be discarded even though the master timeout timer
has not expired.
PI7C7300D implements a master timeout timer that starts counting when the delayed
read completion is at the head of the delayed transaction queue, and the read data is at the
head of the read data queue. The initial value of this timer is program-mable through
configuration register. If the initiator does not repeat the read transaction and before the
master timeout timer expires (2
15 default), PI7C7300D discards the read transaction and
read data from its queues. PI7C7300D also conditionally asserts P_SERR# (see Section
7.4).
PI7C7300D has the capability to post multiple delayed read requests, up to a maximum
of four in each direction. If an initiator starts a read transaction that matches the address
and read command of a read transaction that is already queued, the current read
command is not posted as it is already contained in the delayed transaction queue.
See Section 6 for a discussion of how delayed read transactions are ordered when
crossing PI7C7300D.
4.7.7
FAST BACK-TO-BACK READ TRANSACTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com