Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12762 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12762
Description  12-Bit, 1.4 MHz, 300 mW A/D Converter with Input Multiplexer and Sample/Hold
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12762 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC12762 Datasheet HTML 1Page - National Semiconductor (TI) ADC12762 Datasheet HTML 2Page - National Semiconductor (TI) ADC12762 Datasheet HTML 3Page - National Semiconductor (TI) ADC12762 Datasheet HTML 4Page - National Semiconductor (TI) ADC12762 Datasheet HTML 5Page - National Semiconductor (TI) ADC12762 Datasheet HTML 6Page - National Semiconductor (TI) ADC12762 Datasheet HTML 7Page - National Semiconductor (TI) ADC12762 Datasheet HTML 8Page - National Semiconductor (TI) ADC12762 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ADC12762
12-Bit, 1.4 MHz, 300 mW A/D Converter
with Input Multiplexer and Sample/Hold
General Description
Using an innovative multistep conversion technique, the
12-bit ADC12762 CMOS analog-to-digital converter digitizes
signals at a 1.4 MHz sampling rate while consuming a maxi-
mum of only 300 mW on a single +5V supply. The
ADC12762
performs
a
12-bit
conversion
in
three
lower-resolution “flash” conversions, yielding a fast A/D with-
out the cost and power dissipation associated with true flash
approaches.
The analog input voltage to the ADC12762 is tracked and
held by an internal sampling circuit, allowing high frequency
input signals to be accurately digitized without the need for
an external sample-and-hold circuit. The ADC12762 features
two sample-and-hold/flash comparator sections which allow
the converter to acquire one sample while converting the
previous. This pipelining technique increases conversion
speed without sacrificing performance. The multiplexer out-
put is available to the user in order to perform additional ex-
ternal signal processing before the signal is digitized.
When the converter is not digitizing signals, it can be placed
in the Standby mode; typical power consumption in this
mode is 250 µW.
Features
n Built-in sample-and-hold
n Single +5V supply
n Single channel or 2 channel multiplexer operation
Key Specifications
n Sampling rate
1.4 MHz (min)
n Conversion time
593 ns (typ)
n SNR, fIN= 100 kHz
67.5 dB (min)
n Power dissipation (fs= 1.4 MHz)
300 mW (max)
n No missing codes over temperature
Guaranteed
Applications
n CCD image scanners
n Digital signal processor front ends
n Instrumentation
n Disk drives
n Mobile telecommunications
n Waveform digitizers
ADC12762 Block Diagram
Ordering Information
Commercial (0˚C
≤ T
A ≤ +70˚C)
Package
ADC12762CCV
V44 Plastic Leaded Chip Carrier
ADC12062EVAL
Evaluation Board
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS012811-1
June 1999
© 1999 National Semiconductor Corporation
DS012811
www.national.com


Similar Part No. - ADC12762

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC127 MPSIND-ADC127 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
More results

Similar Description - ADC12762

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC12662 NSC-ADC12662 Datasheet
495Kb / 23P
12-Bit, 1.5 MHz, 200 mW A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com