Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12762 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12762
Description  12-Bit, 1.4 MHz, 300 mW A/D Converter with Input Multiplexer and Sample/Hold
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12762 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC12762 Datasheet HTML 9Page - National Semiconductor (TI) ADC12762 Datasheet HTML 10Page - National Semiconductor (TI) ADC12762 Datasheet HTML 11Page - National Semiconductor (TI) ADC12762 Datasheet HTML 12Page - National Semiconductor (TI) ADC12762 Datasheet HTML 13Page - National Semiconductor (TI) ADC12762 Datasheet HTML 14Page - National Semiconductor (TI) ADC12762 Datasheet HTML 15Page - National Semiconductor (TI) ADC12762 Datasheet HTML 16Page - National Semiconductor (TI) ADC12762 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Applications Information (Continued)
switching, reducing the op amp transient response require-
ments. The 100 pF capacitor should only be used with high
speed op amps that are unconditionally stable driving ca-
pacitive loads.
Another benefit of using a high speed buffer is improved
THD performance when using the multiplexer of the
ADC12762. The MUX on-resistance is somewhat non-linear
over input voltage, causing the RC time constant formed by
C
IN,RMUX, and RSW to vary depending on the input voltage.
This results in increasing THD with increasing frequency. In-
serting the buffer between the MUX OUT and the ADC IN
terminals as shown in
Figure 8 will eliminate the loading on
R
MUX, significantly reducing the THD of the multiplexed
system.
Correct converter operation will be obtained for input volt-
ages greater than AGND − 50 mV and less than AV
CC +50
mV. Avoid driving the signal source more than 300 mV
higher than AV
CC, or more than 300 mV below AGND. If an
analog input pin is forced beyond these voltages, the current
flowing through that pin should be limited to 25 mA or less to
avoid permanent damage to the IC. The sum of all the over-
drive currents into all pins must be less than 50 mA. When
the input signal is expected to extend more than 300 mV be-
yond the power supply limits for any reason (unknown/
uncontrollable input voltage range, power-on transients, fault
conditions, etc.) some form of input protection, such as that
shown in
Figure 9, should be used.
DS012811-30
FIGURE 7. Simplified ADC12762 Input Stage
DS012811-31
FIGURE 8. Buffering the Input with an LM6361 High Speed Op Amp
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com