Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12762 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12762
Description  12-Bit, 1.4 MHz, 300 mW A/D Converter with Input Multiplexer and Sample/Hold
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12762 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC12762 Datasheet HTML 1Page - National Semiconductor (TI) ADC12762 Datasheet HTML 2Page - National Semiconductor (TI) ADC12762 Datasheet HTML 3Page - National Semiconductor (TI) ADC12762 Datasheet HTML 4Page - National Semiconductor (TI) ADC12762 Datasheet HTML 5Page - National Semiconductor (TI) ADC12762 Datasheet HTML 6Page - National Semiconductor (TI) ADC12762 Datasheet HTML 7Page - National Semiconductor (TI) ADC12762 Datasheet HTML 8Page - National Semiconductor (TI) ADC12762 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC = DVCC = AVCC)
−0.3V to +6V
Voltage at Any Input or Output
−0.3V to V
CC + 0.3V
Input Current at Any Pin (Note 3)
25 mA
Package Input Current (Note 3)
50 mA
Power Dissipation (Note 4)
ADC12762CCV
875 mW
ESD Susceptibility (Note 5)
2000V
Soldering Information (Note 6)
V Package, Infrared, 15 seconds
+300˚C
Storage Temperature Range
−65˚C to +150˚C
Maximum Junction Temperature (T
JMAX)
150˚C
Operating Ratings (Notes 1, 2)
Temperature Range
T
MIN ≤ TA ≤ TMAX
ADC12762CCV
−0˚C
≤ T
A ≤ +70˚C
Supply Voltage Range (DV
CC = AVCC)
4.75V to 5.25V
Converter Characteristics
The following specifications apply for DV
CC = AVCC = +5V, VREF+(SENSE) = +4.096V, VREF−(SENSE) = AGND, and fs =
1.4 MHz, unless otherwise specified. Boldface limits apply for T
A = TJ from TMIN to TMAX; all other limits TA = TJ = +25˚C.
Symbol
Parameter
Conditions
Typ
Limit
Units
(Note 7)
(Note 8)
(Limit)
Resolution
12
Bits
Differential Linearity Error
T
MIN to TMAX
±0.4
±0.95
LSB (max)
Integral Linearity Error
T
MIN to TMAX
±0.4
±2.0
LSB (max)
(Note 9)
Offset Error
T
MIN to TMAX
±0.3
±4.0
LSB (max)
Full-Scale Error
T
MIN to TMAX
±0.3
±4.0
LSB (max)
Power Supply Sensitivity
DV
CC = AVCC = 5V ±5%
±0.75
LSB (max)
(Note 15)
R
REF
Reference Resistance
940
500
Ω (min)
1300
Ω (max)
V
REF(+)
V
REF+(SENSE) Input Voltage
AV
CC
V (max)
V
REF(−)
V
REF−(SENSE) Input Voltage
AGND
V (min)
V
IN
Input Voltage Range
To V
IN1,VIN2, or ADC IN
AV
CC+0.05V
V (max)
AGND − 0.05V
V (min)
ADC IN Input Leakage
AGND to AV
CC − 0.3V
0.1
3
µA (max)
C
ADC
ADC IN Input Capacitance
25
pF
MUX On-Channel Leakage
AGND to AV
CC − 0.3V
0.1
3
µA (max)
MUX Off-Channel Leakage
AGND to AV
CC − 0.3V
0.1
3
µA (max)
C
MUX
Multiplexer Input Cap
7
pF
MUX Off Isolation
f
IN = 100 kHz
92
dB
Dynamic Characteristics (Note 10)
The following specifications apply for DV
CC = AVCC = +5V, VREF+(SENSE) = +4.096V, VREF−(SENSE) = AGND, RS = 25Ω,fIN =
100 kHz, 0 dB from fullscale, and f
s = 1.4 MHz, unless otherwise specified. Boldface limits apply for TA = TJ from TMIN to
T
MAX; all other limits TA = TJ = +25˚C.
Symbol
Parameter
Conditions
Typ
Limit
Units
(Note 7)
(Note 8)
(Limit)
SINAD
Signal-to-Noise Plus
T
MIN to TMAX
70
67.0
dB (min)
Distortion Ratio
SNR
Signal-to-Noise Ratio
T
MIN to TMAX
70
67.5
dB (min)
(Note 11)
THD
Total Harmonic Distortion
T
MIN to TMAX
−80
−70
dBc (max)
(Note 12)
ENOB
Effective Number of Bits
T
MIN to tMAX
11.3
10.8
Bits (min)
(Note 13)
IMD
Intermodulation Distortion
f
IN = 88.7 kHz, 89.5 kHz
−80
dBc
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com