Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V048F080T030 Datasheet(PDF) 7 Page - Vicor Corporation

Part # V048F080T030
Description  Non-isolated Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F080T030 Datasheet(HTML) 7 Page - Vicor Corporation

Back Button V048F080T030 Datasheet HTML 3Page - Vicor Corporation V048F080T030 Datasheet HTML 4Page - Vicor Corporation V048F080T030 Datasheet HTML 5Page - Vicor Corporation V048F080T030 Datasheet HTML 6Page - Vicor Corporation V048F080T030 Datasheet HTML 7Page - Vicor Corporation V048F080T030 Datasheet HTML 8Page - Vicor Corporation V048F080T030 Datasheet HTML 9Page - Vicor Corporation V048F080T030 Datasheet HTML 10Page - Vicor Corporation V048F080T030 Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PRM® Regulator
Rev 2.1
vicorpower.com
Page 7 of 14
09/2015
800 927.9474
P036F048T12AL
Auxiliary Pins (Conditions are at 36 Vin, 48 Vf, full load, and 25°C ambient unless otherwise specified)
Parameter
Min
Typ
Max
Unit
Note
VC (VTM Control)
Pulse width
8
12
18
ms
Peak voltage
12
14
18
V
Referenced to –Out
PC (Primary Control)
DC voltage
4.8
5.0
5.2
Vdc
Referenced to –In
Module disable voltage
2.3
2.4
Vdc
Referenced to –In
Module enable voltage
2.5
2.6
Vdc
Disable hysteresis
100
mV
Source only after start up; not to be used for
Current limit
1.75
1.90
mA
aux. supply; 100 kΩ minimum load
impedance to assure start up.
Enable delay time
100
µs
Disable delay time
1
µs
IL (Current Limit Adjust)
Voltage
1
V
Accuracy
± 15
%
Based on DC current limit set point
PR (Parallel Port)
Voltage
0.5
3.5
V
Referenced to SG; See description page 8
Source current
1
mA
External capacitance
100
pF
VH (Auxiliary Voltage)
Typical internal bypass C= 0.1 µF
Range
8.7
9.0
9.3
Vdc
Maximum external C= 0.1 µF, referenced to SG
Regulation
0.04
%/mA
Current
5
mA p
See description page 8
SC (Secondary Control)
Voltage
1.23
1.24
1.25
Vdc
Referenced to SG
Internal capacitance
0.22
µF
External capacitance
0.7
µF
OS (Output Set)
Set point accuracy
± 1.5
%
Includes 1% external resistor
Reference offset
± 4
mV
CD (Compensation Device)
External resistance
20
Ω
Omit resistor for regulation at output of PRM
Parameter
Min
Typ
Max
Unit
Note
MTBF
MIL-HDBK-217F
2.2
Mhrs
25°C, GB
Agency approvals
cTÜVus
UL/CSA 60950-1, EN60950-1
CE Marked for Low Voltage Directive and RoHS Recast Directive, as applicable
Mechanical parameters
See Mechanical Drawings, Figures 19 – 22
Weight
0.5 3/ 15
oz / g
Dimensions
Length
1.28 / 32,5
in / mm
Width
0.87 / 22,0
in / mm
Height
0.26 5/ 6,73
in / mm
Thermal
Over temperature shutdown
125
135
140
°C
Junction temperature
Thermal capacity
9.3
Ws/°C
Junction-to-case thermal impedance (RθJC)
1.1
°C/W
Junction-to-board thermal impedance (RθJB)
2.1
°C/W
Case-to-ambient
3.7
°C/W
With 0.25” heat sink @ 300 LFM
General Specs
Electrical Specifications (continued)
VI Chip Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com