Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V048F080T030 Datasheet(PDF) 2 Page - Vicor Corporation

Part # V048F080T030
Description  Non-isolated Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F080T030 Datasheet(HTML) 2 Page - Vicor Corporation

  V048F080T030 Datasheet HTML 1Page - Vicor Corporation V048F080T030 Datasheet HTML 2Page - Vicor Corporation V048F080T030 Datasheet HTML 3Page - Vicor Corporation V048F080T030 Datasheet HTML 4Page - Vicor Corporation V048F080T030 Datasheet HTML 5Page - Vicor Corporation V048F080T030 Datasheet HTML 6Page - Vicor Corporation V048F080T030 Datasheet HTML 7Page - Vicor Corporation V048F080T030 Datasheet HTML 8Page - Vicor Corporation V048F080T030 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PRM® Regulator
Rev 2.1
vicorpower.com
Page 2 of 14
09/2015
800 927.9474
P036F048T12AL
Overview of Adaptive Loop Compensation
Adaptive Loop compensation, illustrated in Figure 1, contributes to the
bandwidth and speed advantage of Factorized Power. The PRM
monitors its output current and automatically adjusts its output voltage
to compensate for the voltage drop in the output resistance of the
VTM. ROS sets the desired value of the VTM output voltage, Vout; RCD
is set to a value that compensates for the output resistance of the VTM
(which, ideally, is located at the point of load). For selection of ROS and
RCD, refer to Table 1 below or Page 9.
The VI Chip’s bi-directional VC port :
1. Provides a wake up signal from the PRM to the VTM that
synchronizes the rise of the VTM output voltage to that of the PRM.
2. Provides feedback from the VTM to the PRM to enable the PRM to
compensate for the voltage drop in VTM output resistance, RO.
+Out
–Out
+In
–In
VC
P C
TM
IL
VH
P R
NC
SG
SC
OS
NC
CD
L
O
A
D
VIN
– In
PC
VC
TM
+In
– Out
+Out
– Out
+Out
K
Ro
0.01 µF
0.4 µH
10 Ω
10 kΩ
PRM® -AL
Module
VTM®
Module
Factorized
Bus (VF)
ROS
RCD
Output Power
Designator
(=Pf /10)
P
036
F
048
T
12
AL
Regulator
Input Voltage
Designator
Product Grade Temperatures (°C)
Grade
Storage Operating (TJ)
T
-40 to125 -40 to125
Configuration
F = J-lead
T = Through hole
Nominal
Factorized Bus
Voltage
AL = Adaptive Loop
Figure 1 — With Adaptive Loop control, the output of the VTM is regulated over the load current range with only a single interconnect between the PRM and
VTM and without the need for isolation in the feedback path.
General Specifications
Part Numbering
Desired Load Voltage (Vdc)
VTM P/N(1)
Max VTM Output Current (A)(2)
ROS (kΩ)(3)
RCD (Ω)(3)
1.0
V048F015T100
100
3.57
26.1
1.2
V048F015T100
100
2.94
32.4
1.5
V048F015T100
100
2.37
39.2
1.8
V048F020T080
80
2.61
35.7
2.0
V048F020T080
80
2.37
39.2
3.0
V048F030T070
70
2.37
39.2
3.3
V048F040T050
50
2.89
32.6
5.0
V048F060T040
40
2.87
33.2
8.0
V048F080T030
30
2.37
32.9
9.6
V048F096T025
25
2.37
32.9
10
V048F120T025
25
2.86
32.9
12
V048F120T025
25
2.37
39.2
15
V048F160T015
15
2.49
37.4
24
V048F240T012
12.5
2.37
39.2
28
V048F320T009
9.4
2.74
35.7
36
V048F480T006
6.3
3.16
30.1
48
V048F480T006
6.3
2.37
39.2
Table 1 — Configure your Chip Set using the PRM-AL
Note:
(1) See Table 2 on page 9 for nominal Vout range and K factors.
(2) See “PRM output power vs. VTM output power” on Page 10
(3) 1% precision resistors recommended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com