Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V048F080T030 Datasheet(PDF) 1 Page - Vicor Corporation

Part # V048F080T030
Description  Non-isolated Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F080T030 Datasheet(HTML) 1 Page - Vicor Corporation

  V048F080T030 Datasheet HTML 1Page - Vicor Corporation V048F080T030 Datasheet HTML 2Page - Vicor Corporation V048F080T030 Datasheet HTML 3Page - Vicor Corporation V048F080T030 Datasheet HTML 4Page - Vicor Corporation V048F080T030 Datasheet HTML 5Page - Vicor Corporation V048F080T030 Datasheet HTML 6Page - Vicor Corporation V048F080T030 Datasheet HTML 7Page - Vicor Corporation V048F080T030 Datasheet HTML 8Page - Vicor Corporation V048F080T030 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PRM® Regulator
Rev 2.1
vicorpower.com
Page 1 of 14
09/2015
800 927.9474
P036F048T12AL
Non-isolated Regulator
PRM® Regulator
Vin = 18 – 60 Vdc
Vf = 26 – 55 Vdc
Pf = 120 W
If = 2.5 A
©
Product Description
The VI Chip regulator is a very efficient non-isolated
regulator capable of both boosting and bucking a wide
range input voltage. It is specifically designed to provide
a controlled Factorized Bus distribution voltage for
powering downstream VTM Transformer — fast,
efficient, isolated, low noise Point-of-Load (POL)
converters. In combination, PRMs and VTMs form a
complete DC-DC converter subsystem offering all of the
unique benefits of Vicor’s Factorized Power
Architecture
TM (FPA)TM: high density and efficiency; low
noise operation; architectural flexibility; extremely fast
transient response; and elimination of bulk capacitance
at the Point-of-Load (POL).
In FPA systems, the POL voltage is the product of the
Factorized Bus voltage delivered by the PRM and the
"K-factor" (the fixed voltage transformation ratio) of a
downstream VTM. The PRM controls the Factorized Bus
voltage to provide regulation at the POL. Because VTMs
perform true voltage division and current multiplication,
the Factorized Bus voltage may be set to a value that is
substantially higher than the bus voltages typically
found in "intermediate bus" systems, reducing
distribution losses and enabling use of narrower
distribution bus traces. A PRM-VTM chip set can provide
up to 100 A, or 115 W at a FPA system density of
169 A/in3, or 195 W/in3 — and because the PRM can
be located, or "factorized," remotely from the POL,
these power densities can be effectively doubled.
The PRM described in this data sheet features a unique
"Adaptive Loop" compensation feedback: a single wire
alternative to traditional remote sensing and feedback
loops that enables precise control of an isolated POL
voltage without the need for either a direct connection
to the load or for noise sensitive, bandwidth limiting,
isolation devices in the feedback path.
Parameter
Values
Unit
Notes
+In to -In
-1.0 to 85.0
Vdc
PC to -In
-0.3 to 6.0
Vdc
PR to -In
-0.3 to 9.0
Vdc
IL to -In
-0.3 to 6.0
Vdc
VC to -In
-0.3 to 18.0
Vdc
+Out to -Out
-0.3 to 59
Vdc
SC to -Out
-0.3 to 3.0
Vdc
VH to -Out
-0.3 to 9.5
Vdc
OS to -Out
-0.3 to 9.0
Vdc
CD to -Out
-0.3 to 9.0
Vdc
SG to -Out
100
mA
Continuous output current
2.5
Adc
Continuous output power
120
W
Case temperature during reflow
245
°C
MSL 4
(Datecode 1528
and later)
Operating junction temperature
-40 to 125
°C
T-Grade
Storage temperature
-40 to 125
°C
T-Grade
+Out
–Out
+In
–In
VC
P C
TM
IL
VH
P R
NC
SG
SC
OS
NC
CD
L
O
A
D
VIN
– In
PC
VC
TM
+In
– Out
+Out
– Out
+Out
K
Ro
0.01 µF
0.4 µH
10 Ω
10 kΩ
PRM® -AL
Module
VTM®
Module
Factorized
Bus (VF)
ROS
RCD
The P036F048T12AL is used with any 048 input series VTM to provide a regulated and
isolated output.
DC-DC Converter
Absolute Maximum Ratings
• 36 V input VI Chip
® PRM
• Vin range 18 – 60 Vdc
• High density – 407 W/in3
• Small footprint – 1.1 in2
• Low weight – 0.5 oz (15 g)
• Adaptive Loop feedback
• ZVS buck-boost regulator
• 1.35 MHz switching frequency
• 95% efficiency
• 125˚C operation (Tj)
Features
S
NRTL
CUS


Similar Part No. - V048F080T030

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
570Kb / 2P
PRM Regulator and VTM Current Multiplier
logo
Powerbox
V048F080T030 POWERBOX-V048F080T030 Datasheet
1Mb / 1P
300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
logo
Vicor Corporation
V048F080T030 VICOR-V048F080T030 Datasheet
2Mb / 14P
Non-isolated Regulator
V048F080T030 VICOR-V048F080T030 Datasheet
1Mb / 14P
PRM짰 Regulator
More results

Similar Description - V048F080T030

ManufacturerPart #DatasheetDescription
logo
CUI INC
P7805-S CUI-P7805-S Datasheet
480Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
NON-ISOLATED SWITCHING REGULATOR
logo
Vicor Corporation
P024F048T12AL VICOR-P024F048T12AL_15 Datasheet
2Mb / 14P
Non-isolated Regulator
logo
CUI INC
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
logo
Vicor Corporation
MP028F036M12AL VICOR-MP028F036M12AL_15 Datasheet
2Mb / 14P
Non-isolated Regulator
logo
CUI INC
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
NON-ISOLATED SWITCHING REGULATOR
06/24/2019
P783-S CUI-P783-S Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/23/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
08/08/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com