Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9AAA0N Datasheet(PDF) 69 Page - SPANSION

Part # MB9AAA0N
Description  The MB9AAA0N Series are highly integrated
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AAA0N Datasheet(HTML) 69 Page - SPANSION

Back Button MB9AAA0N Datasheet HTML 65Page - SPANSION MB9AAA0N Datasheet HTML 66Page - SPANSION MB9AAA0N Datasheet HTML 67Page - SPANSION MB9AAA0N Datasheet HTML 68Page - SPANSION MB9AAA0N Datasheet HTML 69Page - SPANSION MB9AAA0N Datasheet HTML 70Page - SPANSION MB9AAA0N Datasheet HTML 71Page - SPANSION MB9AAA0N Datasheet HTML 72Page - SPANSION MB9AAA0N Datasheet HTML 73Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 109 page
background image
D a t a S h e e t
66
MB9AAA0N_DS706-00067-2v0-E, June 30, 2015
CONFIDENTIAL
 Low Voltage Detection Current
(VCC = AVCC = 1.8 V to 5.5 V, VSS = AVSS = 0 V, TA = - 40C to + 85C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ*
Max
Low-voltage
detection circuit
(LVD) power
supply current
ICCLVD
VCC
For occurrence of reset or for
occurrence of interrupt in normal
mode operation
10
20
μA
When not
detected
For occurrence of reset and for
occurrence of interrupt in normal
mode operation
14
30
μA
For occurrence of interrupt in
low-power mode operation
0.3
2
μA
When not
detected
*: When VCC=3.3V
 Flash Memory Current
(VCC = 1.8 V to 5.5 V, VSS = 0 V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ
Max
Flash memory
write/erase
current
ICCFLASH
VCC
At Write/Erase
10.8
11.9
mA
 A/D Converter Current
(VCC = AVCC = 1.8 V to 5.5 V, VSS = AVSS = 0 V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ
Max
Power supply
current
ICCAD
AVCC
At 1unit
operation
1.4
2.5
mA
At stop
0.1
0.35
μA
Reference power
supply current
ICCAVRH
AVRH
At 1unit
operation
AVRH=5.5 V
0.5
1.5
mA
At stop
0.1
0.3
μA
 D/A Converter Current
(VCC = AVCC = 1.8 V to 5.5 V, VSS = AVSS = 0 V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ
Max
Power supply
current
IDDA
AVCC
At D/A 1ch.
operation
AVCC=3.3 V
314
440
μA
*1, *2
At D/A 1ch.
operation
AVCC=5.0 V
476
670
μA
*1, *2
IDSA
At D/A stop
-
1.0
μA
*1
*1: No-load
*2: Generates the max current by the CODE about 0x200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com