Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9AAA0N Datasheet(PDF) 91 Page - SPANSION

Part # MB9AAA0N
Description  The MB9AAA0N Series are highly integrated
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AAA0N Datasheet(HTML) 91 Page - SPANSION

Back Button MB9AAA0N Datasheet HTML 87Page - SPANSION MB9AAA0N Datasheet HTML 88Page - SPANSION MB9AAA0N Datasheet HTML 89Page - SPANSION MB9AAA0N Datasheet HTML 90Page - SPANSION MB9AAA0N Datasheet HTML 91Page - SPANSION MB9AAA0N Datasheet HTML 92Page - SPANSION MB9AAA0N Datasheet HTML 93Page - SPANSION MB9AAA0N Datasheet HTML 94Page - SPANSION MB9AAA0N Datasheet HTML 95Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 109 page
background image
D a t a S h e e t
88
MB9AAA0N_DS706-00067-2v0-E, June 30, 2015
CONFIDENTIAL
6.
10-bit D/A Converter
Electrical Characteristics for the D/A Converter
(VCC = AVCC = 1.8V to 5.5V, VSS = AVSS = 0V, TA = - 40C to + 85C)
Parameter
Symbol Pin name
Value
Unit
Remarks
Min
Typ
Max
Resolution
-
DAx
-
-
10
bit
Conversion time
tC20
0.37
0.53
0.69
μs
Load 20 pF
tC100
1.87
2.67
3.47
μs
Load 100 pF
Integral Nonlinearity
INL
-4.0
-
+4.0
LSB
*
Differential
Nonlinearity
DNL
-0.9
-
+0.9
LSB
*
Output Voltage offset
VOFF
-
-
10.0
mV
Code is 0x000
-50.0
-
+5.5
mV
Code is 0x3FF
Analog output
impedance
RO
2.45
3.50
4.55
kΩ
D/A operation
5.0
9.0
-
MΩ
D/A stop
Output undefined period
tR
-
-
250
ns
*: No-load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com