Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9AAA0N Datasheet(PDF) 9 Page - SPANSION

Part # MB9AAA0N
Description  The MB9AAA0N Series are highly integrated
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AAA0N Datasheet(HTML) 9 Page - SPANSION

Back Button MB9AAA0N Datasheet HTML 5Page - SPANSION MB9AAA0N Datasheet HTML 6Page - SPANSION MB9AAA0N Datasheet HTML 7Page - SPANSION MB9AAA0N Datasheet HTML 8Page - SPANSION MB9AAA0N Datasheet HTML 9Page - SPANSION MB9AAA0N Datasheet HTML 10Page - SPANSION MB9AAA0N Datasheet HTML 11Page - SPANSION MB9AAA0N Datasheet HTML 12Page - SPANSION MB9AAA0N Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 109 page
background image
D a t a S h e e t
6
MB9AAA0N_DS706-00067-2v0-E, June 30, 2015
CONFIDENTIAL
 Product Lineup
 Memory size
Product name
MB9AFAA1L/M/N
MB9AFAA2L/M/N
On-chip Flash memory
64 Kbytes
128 Kbytes
On-chip SRAM
SRAM1
12 Kbytes
16 Kbytes
 Function
Product name
MB9AFAA1L
MB9AFAA2L
MB9AFAA1M
MB9AFAA2M
MB9AFAA1N
MB9AFAA2N
Pin count
64
80
100
CPU
Cortex-M3
Freq.
20 MHz
Power supply voltage range
1.8 V to 5.5 V
LCD Controller (LCDC)
24SEG×4COM (Max)
or
20SEG×8COM (Max)
37SEG×4COM (Max)
or
33SEG×8COM (Max)
44SEG×4COM (Max)
or
40SEG×8COM (Max)
Multi-function Serial Interface
(UART/CSIO/I
2C)
8ch. (Max)
Base Timer
(PWC/ Reload timer/PWM/PPG)
8ch. (Max)
MF-
Timer
A/D activation
compare
1ch.
1 unit (Max)
Input capture
4ch.
Free-run timer
3ch.
Output compare
6ch.
Waveform
generator
3ch.
PPG
(IGBT mode)
3ch.
HDMI-CEC/ Remote Control
Receiver
2ch. (Max)
Real-time clock (RTC)
1 unit
Watchdog timer
1ch. (SW) + 1ch. (HW)
External Interrupts
8 pins (Max)+ NMI × 1 11 pins (Max)+ NMI × 1 16 pins (Max)+ NMI × 1
General-purpose I/O ports
52 pins (Max)
67 pins (Max)
84 pins (Max)
12-bit A/D converter
9ch. (1 unit)
12ch. (1 unit)
16ch. (1 unit)
10-bit D/A converter
2ch. (Max)
CSV (Clock Super Visor)
Yes
LVD (Low-Voltage Detector)
2ch.
Built-in CR
High-speed
4 MHz
Low-speed
100 kHz
Debug Function
SWJ-DP
Note: All signals of the peripheral function in each product cannot be allocated by limiting the pins of package.
It is necessary to use the port relocate function of the I/O port according to your function use.
See  Electrical Characteristics 4.AC Characteristics (3)Built-in CR Oscillation Characteristics for
accuracy of built-in CR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com